Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7512 Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC7512
Description  Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7512 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button CPC7512 Datasheet HTML 2Page - IXYS Corporation CPC7512 Datasheet HTML 3Page - IXYS Corporation CPC7512 Datasheet HTML 4Page - IXYS Corporation CPC7512 Datasheet HTML 5Page - IXYS Corporation CPC7512 Datasheet HTML 6Page - IXYS Corporation CPC7512 Datasheet HTML 7Page - IXYS Corporation CPC7512 Datasheet HTML 8Page - IXYS Corporation CPC7512 Datasheet HTML 9Page - IXYS Corporation CPC7512 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7512
6
www.ixysic.com
R01
Figure 1. Crosstalk Test Configuration
Figure 2. Switch Off-State Isolation Test Configuration
1.6 Digital I/O Electrical Specifications
1.7 Switch Timing Specifications
Crosstalk =
+20 log
V
M
V
S
V
M
+
50
Ω
V
S
Open
Open
AB
C
AB
C
Isolation =
+20 log
V
S
V
M
V
M
+
V
S
50
Ω
AB
C
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Input Characteristics
Input Voltage: (SxINx, LATCHx, TSD)
Logic High Threshold
Input voltage rising
VIH
-1.5
2.0
V
Logic Low Threshold
Input voltage falling
VIL
0.8
1
-
V
Hysteresis
V
IN
500
mV
Input Leakage Current
Logic High:
SxINx
VIH =2.4V
IIH
-0.1
1
A
LATCHx
-10
-19
-175
TSD
-10
-16
-50
Logic Low:
SxINx
VIL =0.4V
IIL
-0.1
1
A
LATCHx
-
-47
-250
TSD
-
-16
-50
Output Characteristics
Output Voltage: TSD:
Logic High
ITSD = 10AVTSD_Off
2.4
VDD
-V
Logic Low
ITSD = 1mA
VTSD_On
-0
0.4
V
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Switch turn on delay
LATCHx = 0V, ISW_off = 0mA, ton @ ISW =9mA
td_on
-
0.25
1.0
ms
Switch turn off delay
LATCHx = 0V, ISW_on = 10mA,
toff @ISW =0.5mA
td_off
-
0.05
0.5
ms
No Overlap1
(Break-before-make)
SxA to SxC, SxB to SxC, td_off < td_on,
Both directions, 4.75 < VDD < 5.25V
TRUE
1 This parameter ensures the turn off time for Switches A and B is less than the turn on time of Switch C and the turn off time of Switch C is less than the turn on
time of Switches A and B thereby assuring there is no conduction from either Switch A or B through Switch C when switching between complementary states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com