Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7514 Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC7514
Description  Quad High Voltage Isolated Analog Switch Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7514 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button CPC7514 Datasheet HTML 2Page - IXYS Corporation CPC7514 Datasheet HTML 3Page - IXYS Corporation CPC7514 Datasheet HTML 4Page - IXYS Corporation CPC7514 Datasheet HTML 5Page - IXYS Corporation CPC7514 Datasheet HTML 6Page - IXYS Corporation CPC7514 Datasheet HTML 7Page - IXYS Corporation CPC7514 Datasheet HTML 8Page - IXYS Corporation CPC7514 Datasheet HTML 9Page - IXYS Corporation CPC7514 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7514
6
www.ixysic.com
R06
1.6 Digital I/O Electrical Specifications
1.7 Switch Timing Specifications
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Input Characteristics
Input Voltage: (INx, LATCHx, TSDx)
Logic High
Input voltage rising
VIH
-1.5
2.0
V
Logic Low
Input voltage falling
VIL
0.8
1
-
V
Hysteresis
V
IN
500
mV
Input Leakage Current
Logic High:
INx
VDD = 3.6V, VIH = 2.4V
IIH
-0.1
1
A
LATCHx
-10
-19
-100
TSDx
-10
-16
-50
Logic Low:
INx
VDD =3.6V, VIL =0.4V
IIL
-0.1
1
A
LATCHx
-10
-47
-125
TSDx
-10
-16
-50
Output Characteristics
Output Voltage: TSDx:
Logic High
VDD = 3.6V, ITSD = 10AVTSD_off
2.4
VDD
-V
Logic Low
VDD = 3.6V, ITSD = 1mA
VTSD_on
-0
0.4
V
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Switch turn on delay
LATCHx = 0V, ISW_off = 0mA,
ton@ISW = 9mA
td_on
-
0.25
1.0
ms
Switch turn off delay
LATCHx = 0V, ISW_on = 10mA,
toff@ISW = 0.5mA
td_off
-
0.05
0.5
ms
Switch turn on matching
As per Switch Turn On Delay,
Any switch to any other switch
t
on
-
10
100
s
Switch turn off matching
As per Switch Turn Off Delay,
Any switch to any other switch
t
off
-
2
100
s
Switch Capacitance
SxA=SxB to Gnd
C
-
120
160
pF
SxA to SxB, VSW (differential)=0V
-
190
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com