Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7514 Datasheet(PDF) 7 Page - IXYS Corporation

Part # CPC7514
Description  Quad High Voltage Isolated Analog Switch Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7514 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button CPC7514 Datasheet HTML 3Page - IXYS Corporation CPC7514 Datasheet HTML 4Page - IXYS Corporation CPC7514 Datasheet HTML 5Page - IXYS Corporation CPC7514 Datasheet HTML 6Page - IXYS Corporation CPC7514 Datasheet HTML 7Page - IXYS Corporation CPC7514 Datasheet HTML 8Page - IXYS Corporation CPC7514 Datasheet HTML 9Page - IXYS Corporation CPC7514 Datasheet HTML 10Page - IXYS Corporation CPC7514 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7514
R06
www.ixysic.com
7
1.8 VDD Voltage Supply Specifications
1.9 Protection Circuitry Thermal Specifications
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Voltage Requirements
Voltage operational
range
-
VDD
33.3
3.6
V
Current Specifications
VDD Current
3.0 < VDD < 3.6V, All switches = OFF,
All logic I/O = Open
IDD
0.75
1.5
2.3
mA
3.0 < VDD < 3.6V, All switches = ON,
All logic I/O = Open
2.0
4.5
6.0
mA
Under Voltage Lockout Specifications
Thresholds
VDD rising
UVLO
-2
2.8
V
VDD falling
11.95
-
Hysteresis
-
50
-
mV
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Temperature Shutdown Specifications 1
Shutdown activation
temperature
Not production tested - limits are
guaranteed by design and Quality
Control sampling audits
TTSD_on
110
125
150
C
Shutdown circuit
hysteresis
TTSD_off
10
-
25
C
1 Temperature shutdown flag (TSDx) will be high during normal operation and low during temperature shutdown state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com