Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX6119 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6119
Description  36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6119 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX6119 Datasheet HTML 2Page - Texas Instruments TMUX6119 Datasheet HTML 3Page - Texas Instruments TMUX6119 Datasheet HTML 4Page - Texas Instruments TMUX6119 Datasheet HTML 5Page - Texas Instruments TMUX6119 Datasheet HTML 6Page - Texas Instruments TMUX6119 Datasheet HTML 7Page - Texas Instruments TMUX6119 Datasheet HTML 8Page - Texas Instruments TMUX6119 Datasheet HTML 9Page - Texas Instruments TMUX6119 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
TMUX6119
SCDS384 – SEPTEMBER 2018
www.ti.com
Product Folder Links: TMUX6119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Specified by design; not subject to production testing.
6.6 Switching Characteristics (Dual Supplies: ±15 V)
at TA = 25°C, VDD = 15 V, and VSS = -15 V (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Enable turn-on time
VS = ±10 V, RL = 300 Ω , CL = 35 pF
68
86
ns
VS = ±10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+85°C
110
ns
VS = ±10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+125°C
121
ns
tOFF
Enable turn-off time
VS = ±10 V, RL = 300 Ω , CL = 35 pF
57
64
ns
VS = ±10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+85°C
78
ns
VS = ±10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+125°C
82
ns
tTRAN
Transition time
VS = 10 V, RL = 300 Ω , CL = 35 pF
68
88
ns
VS = 10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+85°C
99
ns
VS = 10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+125°C
106
ns
tBBM
Break-before-make time delay
VS = 10 V, RL = 300 Ω , CL = 35 pF, TA = –40°C to
+125°C
8
37
ns
QJ
Charge injection
VS = 0 V, RS = 0 Ω , CL = 1 nF
–0.19
pC
OISO
Off-isolation
RL = 50 Ω , CL = 5 pF, f = 1 MHz
–85
dB
XTALK
Channel-to-channel crosstalk
RL = 50 Ω , CL = 5 pF, f = 1 MHz
–93
dB
IL
Insertion loss
RL = 50 Ω , CL = 5 pF, f = 1 MHz
-7.7
dB
ACPSRR
AC Power Supply Rejection
Ratio
RL = 10 kΩ , CL = 5 pF, VPP= 0.62 V on VDD, f= 1
MHz
–55
dB
RL = 10 kΩ , CL = 5 pF, VPP= 0.62 V on VSS, f= 1
MHz
–55
dB
BW
-3dB Bandwidth
RL = 50 Ω , CL = 5 pF
TBD
MHz
THD
Total harmonic distortion +
noise
RL = 10k Ω , CL = 5 pF, f= 20Hz to 20kHz
0.1
%
CIN
Digital input capacitance
VIN = 0 V or VDD
0.8
pF
CS(OFF)
Source off-capacitance
VS = 0 V, f = 1 MHz
1.9
2.8
pF
CD(OFF)
Drain off-capacitance
VS = 0 V, f = 1 MHz
4.3
4.7
pF
CS(ON),
CD(ON)
Source and drain on-
capacitance
VS = 0 V, f = 1 MHz
6.4
8.1
pF
6.7 Electrical Characteristics (Single Supply: 12 V)
at TA = 25°C, VDD = 12 V, and VSS = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VA
Analog signal range
TA = –40°C to +125°C
TA = –40°C to +125°C
VSS
VDD
V
RON
On-resistance
VS = 10 V, IS = 1 mA
230
265
Ω
TA = –40°C to +85°C
355
Ω
TA = –40°C to +125°C
405
Ω
ΔRON
On-resistance mismatch
between channels
VS = 10 V, IS = 1 mA
1
9
Ω
TA = –40°C to +85°C
12
Ω
TA = –40°C to +125°C
14
Ω
RON_DRIFT
On-resistance drift
VS = 0 V
0.48
%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com