Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX6119 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6119
Description  36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6119 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX6119 Datasheet HTML 1Page - Texas Instruments TMUX6119 Datasheet HTML 2Page - Texas Instruments TMUX6119 Datasheet HTML 3Page - Texas Instruments TMUX6119 Datasheet HTML 4Page - Texas Instruments TMUX6119 Datasheet HTML 5Page - Texas Instruments TMUX6119 Datasheet HTML 6Page - Texas Instruments TMUX6119 Datasheet HTML 7Page - Texas Instruments TMUX6119 Datasheet HTML 8Page - Texas Instruments TMUX6119 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SA
SB
EN
D
TMUX6119
VDD
VSS
Decoder
SEL
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMUX6119
SCDS384 – SEPTEMBER 2018
TMUX6119 36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
1
1 Features
1
•
Low On-Capacitance: 5.0 pF
•
Low Input Leakage: 1 pA
•
Low Charge Injection: 0.3 pC
•
Rail-to-Rail Operation
•
Wide Supply Range: ±5 V to ±16.5 V, 10 V to 16.5
V
•
Low On-Resistance: 125 Ω
•
Transition Time: 80 ns
•
Break-Before-Make Switching Action
•
EN Pin and SEL Pin Connectable to VDD
•
Logic Levels: 2 V to VDD
•
Low Supply Current: 17 µA
•
ESD Protection HBM: 2000 V
•
Industry-Standard SOT-23 Package
2 Applications
•
Factory Automation and Industrial Process
Controls
•
Programmable Logic Controllers (PLC)
•
Analog Input Modules
•
ATE Test Equipment
•
Digital Multimeters
•
Battery Monitoring Systems
3 Description
The TMUX6119 is a modern complementary metal-
oxide
semiconductor
(CMOS)
single-pole/double
throw (SPDT) switch. The devices work well with dual
supplies (±5 V to ±16.5 V), a single supply (10 V to
16.5 V), or unsymmetric supplies (such as VDD = 12
V, VSS = –5 V). All digital inputs have transistor-
transistor logic (TTL) compatible thresholds, ensuring
both TTL and CMOS logic compatibility.
The TMUX6119 can be enabled or disabled by
controlling the EN pin. When disabled, both channels
are switches off. When enabled, the SEL pin can be
used to turn on channel A (SA to D) or channel B (SB
to D). Each channel conducts equally well in both
directions and has an input signal range that extends
to the supplies. The switches of TMUX6119 exhibit
break-before-make
(BBM)
switching
behavior,
allowing the device to be used in multiplexer
applications.
The TMUX6119 has very low on and off leakage
currents and ultra-low charge injection, allowing the
device to be used in high precision measurement
applications. The device also provides excellent
isolation capability by blocking signal levels up to the
supplies when the switches are in the OFF position. A
low supply current of 17 µA enables usage in
portable applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX6119
SOT-23 (8)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACER
SPACER
Simplified Schematic


Similar Part No. - TMUX6119

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6119 TI2-TMUX6119 Datasheet
606Kb / 29P
TMUX6119 ±16.5-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switch
REVISED DECEMBER 2018
TMUX6119DCNR TI2-TMUX6119DCNR Datasheet
606Kb / 29P
TMUX6119 ±16.5-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switch
REVISED DECEMBER 2018
TMUX6119DCNR.B TI2-TMUX6119DCNR.B Datasheet
606Kb / 29P
TMUX6119 ±16.5-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switch
REVISED DECEMBER 2018
More results

Similar Description - TMUX6119

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
(-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
TMUX6136 TI1-TMUX6136 Datasheet
1Mb / 31P
(-)16.5-V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
MUX36S08 TI1-MUX36S08_19 Datasheet
2Mb / 46P
36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com