| Electronic Components Datasheet Search |
|
AD9913 Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9913 Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 32 page ![]() Data Sheet AD9913 Rev. C | Page 17 of 32 E0 S0 PS[0] PS[1] BIDIRECTIONAL MODE (EDGE TRIGGERED) NO-DWELL BIT = x BIDIRECTIONAL MODE (LEVEL TRIGGERED) NO-DWELL BIT = 0 NO-DWELL BIT = 1 E0 S0 PS[0] PS[1] E0 S0 PS[0] PS[1] Figure 24. Display of Bidirectional Ramp Capability Using the External Profile Pins COMBINATION OF MODES (EDGE TRIGGERED) E0 S0 PS[0] PS[1] RAMP UP MODE RAMP UP MODE BIDIRECTIONAL MODE RAMP DOWN MODE Figure 25. Combination of Sweep Modes Using the External Profile Pins Clear Functions The AD9913 allows for a programmable continuous zeroing of the sweep logic and the phase accumulator as well as clear-and- release, or automatic zeroing function. Each feature is individually controlled via bits in the control registers. Continuous Clear Bits The continuous clear bits are simply static control signals that hold the respective accumulator (and associated logic) at zero for the entire time the bit is active. Clear-and-Release Function The auto clear auxiliary accumulator bit, when active, clears and releases the auxiliary accumulator upon receiving an I/O_UPDATE or change in profile bits. The auto clear phase accumulator, when active, clears and releases the phase accumulator upon receiving a I/O_UPDATE or a change in profile bits. The automatic clearing function is repeated for every subsequent I/O_UPDATE or change in profile bits until the control bit is cleared. These bits are programmed independently and do not have to be active at the same time. For example, one accumulator may be using the clear and release function while the other is continuously cleared. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |