Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9913 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9913
Description  CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9913 Datasheet HTML 20Page - Analog Devices AD9913 Datasheet HTML 21Page - Analog Devices AD9913 Datasheet HTML 22Page - Analog Devices AD9913 Datasheet HTML 23Page - Analog Devices AD9913 Datasheet HTML 24Page - Analog Devices AD9913 Datasheet HTML 25Page - Analog Devices AD9913 Datasheet HTML 26Page - Analog Devices AD9913 Datasheet HTML 27Page - Analog Devices AD9913 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD9913
Data Sheet
Rev. C | Page 24 of 32
Data Read Operation
A typical read operation follows the steps shown in Figure 33.
1. The user supplies PCLK, CS, R/W, and the parallel address
of the register using the address pins (ADR0 through
ADR7) for the read operation.
2. CS, R/W, and the address lines must meet the setup and
hold times relative to the 1st PCLK rising edge.
3. The user releases the bus to read.
4. The AD9913 drives data onto the bus after the second
PCLK rising edge.
5. CS must meet the set up and hold times to the 3rd PCLK
rising edge.
Data Write Operation
Write operations work in a similar fashion as read operations
except that the user drives the bus for both PCLK cycles. A
typical write access follows the steps shown in Figure 34.
1. The user supplies the PCLK, CS, R/W, and the parallel
address of the register and using the address pins
(ADR0/D0 through ADR7/D7).
2. CS, R/W, and the address lines must meet the set up and
hold times relative to the 1st PCLK rising edge.
3. Data lines must meet the set up and hold times relative to
the 2nd PCLK rising edge.
4. CS must meet the set up and hold times relative to the 3rd
PCK rising edge.
5. The IO_UPDATE is not shown in Figure 34. The
IO_UPDATE transfers the contents from a write sequence
to the active register. See the Register Update (I/O Update)
section.
PCLK
READ OPERATION
ADDR0
DATA0
DATA1
ADDR1
CS
R/W
ADDR/DATA
0.3ns
tCHD
tCSU
tDVLD
tAHD
tASU
3ns
0.3ns
8ns 3ns
Figure 33. Parallel Port Read Timing
PCLK
WRITE OPERATION
ADDR/DATA
CS
R/W
DATA1
ADDR1
DATA0
ADDR0
0.3ns
tCHD
0.3ns
tDHD
3ns
tDSU
3ns
tASU
0.3ns
tAHD
3ns
tCSU
Figure 34. Parallel Port Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com