Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4155 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4155
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4155 Datasheet HTML 9Page - Analog Devices ADF4155 Datasheet HTML 10Page - Analog Devices ADF4155 Datasheet HTML 11Page - Analog Devices ADF4155 Datasheet HTML 12Page - Analog Devices ADF4155 Datasheet HTML 13Page - Analog Devices ADF4155 Datasheet HTML 14Page - Analog Devices ADF4155 Datasheet HTML 15Page - Analog Devices ADF4155 Datasheet HTML 16Page - Analog Devices ADF4155 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADF4155
INT N Mode
If FRAC1 and FRAC2 = 0, the synthesizer operates in integer-N
mode.
R Counter
The 10-bit R counter allows the input reference frequency, REFIN,
to be divided down to produce the reference clock to the PFD.
Division ratios from 1 to 1023 are allowed.
PHASE FREQUENCY DETECTOR AND CHARGE PUMP
The phase frequency detector takes inputs from the R counter
and N counter and produces an output proportional to the
phase and frequency difference between them. Figure 19 is a
simplified schematic of the phase frequency detector. The PFD
includes a fixed delay element that sets the width of the
antibacklash pulse (ABP), which is typically 2.6 ns. This pulse
ensures that there is no dead zone in the PFD transfer function
and provides a consistent reference spur level.
Figure 19. PFD Simplified Schematic
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4155 allows the user to access
various internal points on the chip. The state of MUXOUT is
controlled by the M3, M2, and M1 bits in Register 4 (for further
details, see Figure 28). Figure 20 shows the MUXOUT section
in block diagram form.
Figure 20. MUXOUT Schematic
INPUT SHIFT REGISTERS
Data is clocked into the 32-bit shift register on each rising edge
of CLK. The data is clocked in MSB first. Data is transferred
from the shift register to one of the nine latches on the rising
edge of LE.
The destination latch is determined by the state of the four
control bits (C4, C3, C2, and C1) in the shift register. These are
the four LSBs: DB3, DB2, DB1, and DB0, as shown in Figure 2.
The truth table for these bits is shown in Table 5. Figure 22 and
Figure 23 summarize how the latches are programmed.
Table 5. Truth Table for the C4, C3, C2, and C1 Control Bits
Control Bits
C4
C3
C2
C1
Register
0
0
0
0
Register 0 (R0)
0
0
0
1
Register 1 (R1)
0
0
1
0
Register 2 (R2)
0
0
1
1
Register 3 (R3)
0
1
0
0
Register 4 (R4)
0
1
0
1
Register 5 (R5)
0
1
1
0
Register 6 (R6)
0
1
1
1
Register 7 (R7)
1
0
0
0
Register 8 (R8)
PROGRAM MODES
Table 5 and Figure 24 through Figure 32 show how the program
modes must be set up in the ADF4155.
The following ADF4155 settings are double buffered: the
fractional value (FRAC1/FRAC2), the modulus value (MOD2),
the reference doubler, the reference divide by 2 (RDIV2), the
R counter value, the charge pump current setting, and the
R divider select. This means that two events must occur before
the device can use a new value for any of the double buffered
settings. First, the new value must be latched into the device by
writing to the appropriate register. Second, a new write must be
performed on Register R0.
For example, any time that the modulus value is updated,
Register 0 (R0) must be written to, to ensure that the modulus
value is loaded correctly.
D1
Q1
U1
DELAY
CHARGE
PUMP
CLR1
HIGH
UP
+IN
D2
Q2
U2
HIGH
DOWN
–IN
U3
CP
DGND
DVDD
CONTROL
MUX
MUXOUT
ANALOG LOCK DETECT
DIGITAL LOCK DETECT
R COUNTER OUTPUT
N COUNTER OUTPUT
DGND
RESERVED
THREE-STATE OUTPUT
DVDD
Rev. 0 | Page 13 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com