Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4155 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4155
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4155 Datasheet HTML 17Page - Analog Devices ADF4155 Datasheet HTML 18Page - Analog Devices ADF4155 Datasheet HTML 19Page - Analog Devices ADF4155 Datasheet HTML 20Page - Analog Devices ADF4155 Datasheet HTML 21Page - Analog Devices ADF4155 Datasheet HTML 22Page - Analog Devices ADF4155 Datasheet HTML 23Page - Analog Devices ADF4155 Datasheet HTML 24Page - Analog Devices ADF4155 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADF4155
Figure 28. Register 4 (R4)
RD1
REFERENCE DIVIDE BY 2
0
DISABLED
1
ENABLED
CP4
CP3
CP2
CP1
ICP (mA)
4.7kΩ
0
0
0
0
0.31
0
0
0
1
0.63
0
0
1
0
0.94
0
0
1
1
1.25
0
1
0
0
1.56
0
1
0
1
1.88
0
1
1
0
2.19
0
1
1
1
2.50
1
0
0
0
2.81
1
0
0
1
3.13
1
0
1
0
3.44
1
0
1
1
3.75
1
1
0
0
4.06
1
1
0
1
4.38
1
1
1
0
4.69
1
1
1
1
5.00
R10
R9
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
R2
R1
R DIVIDER (R)
0
0
0
1
1
0
0
1
0
2
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
1
0
0
1020
1
1
0
1
1021
1
1
1
0
1022
1
1
1
1
1023
U4
0
NEGATIVE
1
POSITIVE
U3
POWER-DOWN
0
DISABLED
1
ENABLED
M3
M2
M1
OUTPUT
0
0
0
THREE-STATE OUTPUT
0
0
1
DVDD
0
1
0
DGND
0
1
1
R
1
0
0
N COUNTER OUTPUT
COUNTER OUTPUT
1
0
1
ANALOG LOCK DETECT
1
1
0
DIGITAL LOCK DETECT
1
1
1
RESERVED
L2
DITHER 2
0
OFF
1
ON
10-BIT R COUNTER
MUXOUT
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8
DB7
DB6 DB5
DB4
DB3
DB2
DB1
DB0
M2
M1
RD2
RD1
R10
CONTROL BITS
R9
R8
R7
R6
R5
R4
R3
R2
R1
D1
CP4
CP3
CP2
CP1
LVS
U4
U3
U2
U1
C3(1) C2(0) C1(0)
C4(0)
M3
L2
0
DBR 1
DBR 1
1 DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.
U1
COUNTER
RESET
0
DISABLED
1
ENABLED
RD2
REFERENCE
DOUBLER
0
DISABLED
1
ENABLED
D1
DOUBLE BUFFER
R6, DB23 TO DB21
0
DISABLED
1
ENABLED
U2
CHARGE PUMP
THREE-STATE
0
DISABLED
1
ENABLED
0
LVS
MUXOUT
LOGIC LEVEL
0
1.8 V
1
3.3 V (DVDD)
CHARGE PUMP
CURRENT
SETTING
Rev. 0 | Page 21 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com