Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4355BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4355BCPZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355BCPZ Datasheet(HTML) 4 Page - Analog Devices

  ADF4355BCPZ Datasheet HTML 1Page - Analog Devices ADF4355BCPZ Datasheet HTML 2Page - Analog Devices ADF4355BCPZ Datasheet HTML 3Page - Analog Devices ADF4355BCPZ Datasheet HTML 4Page - Analog Devices ADF4355BCPZ Datasheet HTML 5Page - Analog Devices ADF4355BCPZ Datasheet HTML 6Page - Analog Devices ADF4355BCPZ Datasheet HTML 7Page - Analog Devices ADF4355BCPZ Datasheet HTML 8Page - Analog Devices ADF4355BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ADF4355
Data Sheet
Rev. B | Page 4 of 35
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
RF OUTPUT CHARACTERISTICS
VCO Frequency Range
3400
6800
MHz
Fundamental VCO range
RF Output Frequency
53.125
6800
MHz
VCO Sensitivity
KV
15
MHz/V
Frequency Pushing (Open-Loop)
15
MHz/V
Frequency Pulling (Open-Loop)
0.5
MHz
Voltage standing wave ratio (VSWR) = 2:1
Harmonic Content
Second
−27
dBc
Fundamental VCO output (RFOUTA+)
−22
dBc
Divided VCO output (RFOUTA+)
Third
−20
dBc
Fundamental VCO output (RFOUTA+)
−12
dBc
Divided VCO output (RFOUTA+)
RF Output Power4
+8
dBm
RFOUTA+ = 1 GHz
+3
dBm
RFOUTA+/RFOUTA− = 4.4 GHz
RF Output Power Variation
±1
dB
RFOUTA+/RFOUTA− = 4.4 GHz
RF Output Power Variation (over
Frequency)
±3
dB
RFOUTA+/RFOUTA− = 1 GHz to 4.4 GHz
Level of Signal with RF Output
Disabled
−60
dBm
RFOUTA+/RFOUTA− = 1 GHz, VCO = 4 GHz
−30
dBm
RFOUTA+/RFOUTA− = 4.4 GHz, VCO = 4.4 GHz
NOISE CHARACTERISTICS
Fundamental VCO Phase Noise
Performance
VCO noise in open-loop conditions
−116
dBc/Hz
100 kHz offset from 3.4 GHz carrier
−136
dBc/Hz
800 kHz offset from 3.4 GHz carrier
−138
dBc/Hz
1 MHz offset from 3.4 GHz carrier
−155
dBc/Hz
10 MHz offset from 3.4 GHz carrier
−113
dBc/Hz
100 kHz offset from 5.0 GHz carrier
−133
dBc/Hz
800 kHz offset from 5.0 GHz carrier
−135
dBc/Hz
1 MHz offset from 5.0 GHz carrier
−153
dBc/Hz
10 MHz offset from 5.0 GHz carrier
−110
dBc/Hz
100 kHz offset from 6.8 GHz carrier
−130
dBc/Hz
800 kHz offset from 6.8 GHz carrier
−132
dBc/Hz
1 MHz offset from 6.8 GHz carrier
−150
dBc/Hz
10 MHz offset from 6.8 GHz carrier
Normalized In-Band Phase Noise Floor
Fractional Channel5
−221
dBc/Hz
Integer Channel6
−223
dBc/Hz
Normalized 1/f Noise, PN1_f7
−116
dBc/Hz
10 kHz offset; normalized to 1 GHz
Integrated RMS Jitter
150
fs
Spurious Signals due to Phase
Frequency Detector (PFD) Frequency
−80
dBc
1
VCP is the voltage at the CPOUT pin.
2
IOL is the output low current.
3
TA = 25°C; AVDD = DVDD = VRF = 3.3 V; VVCO = VP = 5.0 V; prescaler = 4/5; fREFIN = 122.88 MHz; fPFD = 61.44 MHz; and fRF = 1650 MHz.
4
RF output power using the EV-ADF4355SD1Z evaluation board measured into a spectrum analyzer, with board and cable losses de-embedded. The EV-ADF4355SD1Z
RF outputs are pulled up externally using a 4.7 nH inductor. Unused RF output pins are terminated in 50 Ω.
5
Use this figure to calculate the phase noise for any application. To calculate in-band phase noise performance as seen at the VCO output, use the following formula:
−221 + 10log(fPFD) + 20logN. The value given is the lowest noise mode for the fractional channel.
6
Use this figure to calculate the phase noise for any application. To calculate in-band phase noise performance as seen at the VCO output, use the following formula:
−223 + 10log(fPFD) + 20logN. The value given is the lowest noise mode for the integer channel.
7
The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency (fRF)
and at a frequency offset (f) is given by PN = P1_f + 10log(10 kHz/f) + 20log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in the
ADIsimPLL design tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com