Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4355BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4355BCPZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4355BCPZ Datasheet HTML 3Page - Analog Devices ADF4355BCPZ Datasheet HTML 4Page - Analog Devices ADF4355BCPZ Datasheet HTML 5Page - Analog Devices ADF4355BCPZ Datasheet HTML 6Page - Analog Devices ADF4355BCPZ Datasheet HTML 7Page - Analog Devices ADF4355BCPZ Datasheet HTML 8Page - Analog Devices ADF4355BCPZ Datasheet HTML 9Page - Analog Devices ADF4355BCPZ Datasheet HTML 10Page - Analog Devices ADF4355BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Data Sheet
ADF4355
Rev. B | Page 7 of 35
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
CLK
DATA
LE
CE
VBIAS
VREF
VP
CPOUT
CPGND
RSET
VTUNE
AGNDVCO
AGNDVCO
VVCO
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO AGND.
VREGVCO
AVDD
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
ADF4355
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK
Serial Clock Input. Data is clocked into the 32-bit shift register on the CLK rising edge. This input is a high
impedance CMOS input.
2
DATA
Serial Data Input. The serial data is loaded most significant bit (MSB) first with the four least significant bits (LSBs)
as the control bits. This input is a high impedance CMOS input.
3
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift register is loaded into the register
selected by the four LSBs.
4
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump into three-state mode. A
logic high on this pin powers up the device, depending on the status of the power-down bits.
5, 16
AVDD
Analog Power Supply. This pin ranges from 3.15 V to 3.45 V. Connect decoupling capacitors to the analog ground
plane as close to this pin as possible. AVDD must have the same value as DVDD.
6
VP
Charge Pump Power Supply. VP must have the same value as VVCO. Connect decoupling capacitors to the ground
plane as close to VP as possible.
7
CPOUT
Charge Pump Output. When enabled, this output provides ±ICP to the external loop filter. The output of the loop
filter is connected to VTUNE to drive the internal VCO.
8
CPGND
Charge Pump Ground. This output is the ground return pin for CPOUT.
9
AGND
Analog Ground. Ground return pin for AVDD.
10
VRF
Power Supply for the RF Output. Connect decoupling capacitors to the analog ground plane as close to this pin
as possible. VRF must have the same value as AVDD.
11
RFOUTA+
VCO Output. The output level is programmable. The VCO fundamental output or a divided down version is available.
12
RFOUTA−
Complementary VCO Output. The output level is programmable. The VCO fundamental output or a divided down
version is available.
13
AGNDRF
RF Output Stage Ground. Ground return pins for the RF output stage.
14
RFOUTB+
Auxiliary VCO Output. The output level is programmable. The VCO fundamental output or a divided down version
is available.
15
RFOUTB−
Complementary Auxiliary VCO Output. The output level is programmable. The VCO fundamental output or a
divided down version is available.
17
VVCO
Power Supply for the VCO. The voltage on this pin ranges from 4.75 V to 5.25 V. Connect decoupling capacitors to
the analog ground plane as close to this pin as possible.
18, 21
AGNDVCO
VCO Ground. Ground return path for the VCO.
19
VREGVCO
VCO Compensation Node. Connect decoupling capacitors to the ground plane as close to this pin as possible.
Connect VREGVCO directly to VVCO.
20
VTUNE
Control Input to the VCO. This voltage determines the output frequency and is derived from filtering the CPOUT
output voltage. The capacitance at this pin (VTUNE input capacitance) is 9 pF.
22
RSET
Bias Current Resistor. Connecting a resistor between this pin and ground sets the charge pump output current.
23
VREF
Internal Compensation Node. DC biased at half the tuning range. Connect decoupling capacitors to the ground
plane as close to this pin as possible.
24
VBIAS
Reference Voltage. Connect a 100 nF decoupling capacitor to the ground plane as close to this pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com