Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G07 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC3G07
Description  Triple buffer with open-drain output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G07 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC3G07 Datasheet HTML 1Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 2Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 3Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 4Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 5Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 6Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 7Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 8Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
9397 750 14542
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 01 February 2005
4 of 14
Philips Semiconductors
74LVC3G07
Triple buffer with open-drain output
7.2 Pin description
reserved
8.
Functional description
8.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
Z = high-impedance OFF-state.
9.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
Table 4:
Pin description
Symbol
Pin
Description
1A
1
data input
3Y
2
data output
2A
3
data input
GND
4
ground (0 V)
2Y
5
data output
3A
6
data input
1Y
7
data output
VCC
8
supply voltage
Table 5:
Function table [1]
Input nA
Output nY
LL
HZ
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+6.5
V
VI
input voltage
[1]
−0.5
+6.5
V
VO
output voltage
active mode
[1]
−0.5
+6.5
V
Power-down mode
[1] [2]
−0.5
+6.5
V
IIK
input diode current
VI <0 V
-
−50
mA
IOK
output diode current
VO <0 V
-
−50
mA
IO
output sink current
VO = 0 V to 6.5 V
-
50
mA
ICC, IGND
VCC or GND current
-
±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C
-
300
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com