Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G07 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC3G07
Description  Triple buffer with open-drain output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G07 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC3G07 Datasheet HTML 3Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 4Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 5Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 6Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 7Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 8Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 9Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 10Page - NXP Semiconductors 74LVC3G07 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
9397 750 14542
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 01 February 2005
7 of 14
Philips Semiconductors
74LVC3G07
Triple buffer with open-drain output
[1]
All typical values are measured at nominal VCC and Tamb = 25 °C.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
[3]
The condition is VI = GND to VCC.
13. Waveforms
CPD
power dissipation
capacitance per gate
VCC = 3.3 V
[2] [3] -
6.5
-
pF
Tamb = −40 °C to +125 °C
tPLZ, tPZL
propagation delay
input nA to output nY
see Figure 6 and 7
VCC = 1.65 V to 1.95 V
1.0
-
8.4
ns
VCC = 2.3 V to 2.7 V
0.5
-
5.5
ns
VCC = 2.7 V
1.0
-
5.3
ns
VCC = 3.0 V to 3.6 V
0.5
-
4.7
ns
VCC = 4.5 V to 5.5 V
0.5
-
3.7
ns
Table 9:
Dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Measurement points are given in Table 10.
VOL is typical output voltage drop that occurs with the output load.
Fig 6.
The input (nA) to output (nY) propagation delays
mna528
tPLZ
VX
nY output
nA input
VI
VCC
VM
VOL
GND
tPZL
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com