| Electronic Components Datasheet Search |
|
MRF9200LSR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MRF9200LSR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 12 page ![]() 4 Freescale Semiconductor Wireless RF Product Device Data MRF9200LR3 MRF9200LSR3 Figure 2. MRF9200LR3(SR3) Test Circuit Component Layout VGG C34 C31 C30 C33 C32 C29 C5 R1 C1 C2 C3 C4 L1 C6 C8 C7 R2 R3 B2 B1 C9 C11 C21 C22 C23 C24 C26 VDD C25 C27 C20 C19 L2 C13 C14 C15 C17 C18 C16 C12 C10 C28 MRF9200 Drain Rev. 3A MRF9200 Drain Rev. 3B Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have no impact on form, fit or function of the current product. Table 5. MRF9200LR3(SR3) Test Circuit Component Designations and Values Part Description Part Number Manufacturer B1 RF Bead, Surface Mount (0603) 2506033007Y0 Fair−Rite B2 RF Bead, Surface Mount (0805) 2508051107Y0 Fair−Rite C1 2.2 pF Chip Capacitor (0603) GQM1885C2A2R2CB01B Murata C2, C19 47 pF Chip Capacitors (0805) GQM2195C1H470JB01B Murata C3 2.0 pF Chip Capacitor (0603) GQM1885C2A2R0BB01B Murata C4, C18 0.4−2.5 pF Variable Capacitors 27283PC Gigatronics C5 8.2 pF Chip Capacitor (0603) GQM1885C1H8R2DB01B Murata C6, C12 0.8−8.0 pF Variable Capacitors 27291SL Gigatronics C7, C8 12 pF Chip Capacitors (0603) GQM1885C1H120JB01B Murata C9, C10 10 pF Chip Capacitors (0805) GQM2195C2A100JB01B Murata C11 5.1 pF Chip Capacitor (0805) GQM2195C2A5R1DB01B Murata C13 3.3 pF Chip Capacitor (0805) GQM2195C2A3R3CB01B Murata C14, C17 1.5 pF Chip Capacitors (0805) GQM2195C2A1R5CB01B Murata C15, C16 22 pF Chip Capacitors (0805) GQM2195C1H220JB01B Murata C20 0.56 µF Chip Capacitor (1825) C1825C564J5RAC Kemet C21, C22, C31 2.2 µF Chip Capacitors (1825) C1825C225J5RAC Kemet C23 10 µF, 50 V Tantalum Chip Capacitor 522Z−050/100MTRE Tecate C24, C25, C26, C27 22 µF, 35 V Tantalum Chip Capacitors T491X226K035AS Kemet C28 330 µF, 63 V Electrolytic Capacitor NACZF331M100V (18X22) Nippon C29 10 µF Chip Capacitor (1206) GRM31MF51A106ZA01B Murata C30 0.01 µF Chip Capacitor (1825) C1825C103J1RAC Kemet C32, C33 22 µF, 25 V Tantalum Chip Capacitors ECS−T1ED226R Panasonic TE series C34 47 µF, 16 V Tantalum Chip Capacitor T491D476K016AS Kemet L1 22 nH Chip Inductor (0805) L0805220JEW AVX L2 8 nH Inductor A03T−5 CoilCraft R1 510 W, 1/10 W Chip Resistor (0805) Dale/Vishay R2, R3 11 W, 1/8 W Chip Resistors (1206) Dale/Vishay |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |