| Electronic Components Datasheet Search |
|
MRF9200LSR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MRF9200LSR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 12 page ![]() 2 Freescale Semiconductor Wireless RF Product Device Data MRF9200LR3 MRF9200LSR3 Table 3. ESD Protection Characteristics Test Conditions Class Human Body Model (per JESD22−A114) 1C (Minimum) Machine Model (per EIA/JESD22−A115) B (Minimum) Charge Device Model (per JESD22−C101) IV (Minimum) Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit Off Characteristics Zero Gate Voltage Drain Leakage Current (VDS = 65 Vdc, VGS = 0 Vdc) IDSS — — 10 µAdc Zero Gate Voltage Drain Leakage Current (VDS = 26 Vdc, VGS = 0 Vdc) IDSS — — 1 µAdc Gate−Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) IGSS — — 1 µAdc On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 100 µAdc) VGS(th) 1.5 2.7 3.5 Vdc Gate Quiescent Voltage (VDS = 26 Vdc, ID = 2400 mAdc) VGS(Q) 3 3.7 4.5 Vdc Drain−Source On−Voltage (VGS = 10 Vdc, ID = 6.0 Adc) VDS(on) — 0.25 0.4 Vdc Forward Transconductance (VDS = 10 Vdc, ID = 6.7 Adc) gfs — 8.8 — S Dynamic Characteristics (1) Reverse Transfer Capacitance (VDS = 26 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc) Crss — 2.5 — pF Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 26 Vdc, IDQ = 2400 mA, Pout = 40 W Avg. N−CDMA, f = 880 MHz, Single−Carrier N−CDMA, 1.2288 MHz Channel Bandwidth Carrier. ACPR measured in 30 kHz Channel Bandwidth @ ±750 kHz Offset. Peak/Avg. Ratio = 9.8 dB @ 0.01% Probability on CCDF. Power Gain Gps 16 17.5 — dB Drain Efficiency ηD 22 25 — % Adjacent Channel Power Ratio ACPR — −46.5 −45 dBc Input Return Loss IRL — −13 −9 dB 1. Part is internally matched both on input and output. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |