Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTPLREG Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HTPLREG
Description  HIGH TEMPERATURE POSITIVE LINEAR REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTPLREG Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HTPLREG Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTPLREG Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Preliminary
HTMOSTM High Temperature Products
HIGH TEMPERATURE POSITIVE
LINEAR REGULATOR
HTPLREG
• Down-Hole Well
• Avionics
• Turbine Engine Control
• Industrial Process Control
• Nuclear Reactor
• Electric Power Conversion
• Heavy Duty Internal Combustion Engines
• Specified Over -55 to +225
°C
• Output Current up to 500 mA
• Calibrated +15, +12, +10, and +5V Output
• Input Voltage up to 28V
• 1.5 mA Quiescent Current
• Current Limit Short Circuit Protection
• Hermetic 4-Pin Power Package
FEATURES
APPLICATIONS
The HTPLREG is a hybrid linear regulator designed to
operate over an extremely wide temperature range of -55
to +225
°C. The regulator's control circuit is fabricated with
Honeywell’s dielectrically isolated high-temperature (HT-
MOS™) process. A silicon-on-insulator MOSFET is the
power device. The HTPLREG is designed specifically for
severe high-temperature applications such as down-hole
oil well, aerospace, turbine engine and industrial control.
GENERAL DESCRIPTION
Solid State Electronics Center • 12001 State Highway 55, Plymouth, MN 55441 • (800) 323-8295 • http://www.ssec.honeywell.com
The HTPLREG is available with a calibrated +5, +12, +10, or
+15V output. Output current is 500 mA over the specified
temperature range, while quiescent current is 1.5 mA. Internal
short circuit protection is provided. All parts are burned in to
eliminate infant mortality. The HTPLREG is a high-reliability
part designed specifically for applications with an extremely
wide operating temperature range.
FUNCTIONAL DIAGRAM
Control Chip
Current
Sense
Resistor
Application
Load
Nch Power
FET
Gate
Drain
Source
(Shutdown
Input)
VIN
GND
VSENSE
VOUT
VGATE
Vin
Pin 1
NSHDN
Pin 3
& case
Gnd
Vout
Pin 4
HTPLREG MCM
Pin 2
HTPLREG


Similar Part No. - HTPLREG

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
HTP-100-A-D-105-F AMPHENOL-HTP-100-A-D-105-F Datasheet
54Kb / 4P
High Temperature Probes
HTP-100-A-D-105-G AMPHENOL-HTP-100-A-D-105-G Datasheet
54Kb / 4P
High Temperature Probes
HTP-100-A-D-105-J AMPHENOL-HTP-100-A-D-105-J Datasheet
54Kb / 4P
High Temperature Probes
HTP-100-A-D-105-K AMPHENOL-HTP-100-A-D-105-K Datasheet
54Kb / 4P
High Temperature Probes
HTP-100-A-D-105-L AMPHENOL-HTP-100-A-D-105-L Datasheet
54Kb / 4P
High Temperature Probes
More results

Similar Description - HTPLREG

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42094 MICROPAC-42094 Datasheet
104Kb / 3P
POSITIVE HIGH TEMPERATURE REGULATOR
42118 MICROPAC-42118 Datasheet
234Kb / 3P
POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
AME7805 ETC1-AME7805 Datasheet
150Kb / 14P
1A Positive Linear Regulator
logo
BCD Semiconductor Manuf...
AZ78LXX BCDSEMI-AZ78LXX Datasheet
228Kb / 17P
3-TERMINAL POSITIVE LINEAR REGULATOR
logo
Analog Microelectronics
AME78LXX AME-AME78LXX Datasheet
167Kb / 15P
100mA Positive Linear Regulator
logo
BCD Semiconductor Manuf...
AZ78LXX BCDSEMI-AZ78LXX_07 Datasheet
271Kb / 18P
3-TERMINAL POSITIVE LINEAR REGULATOR
logo
Solid States Devices, I...
SVR117A SSDI-SVR117A_1 Datasheet
158Kb / 3P
Positive Adjustable Linear Voltage Regulator
logo
Micropac Industries
42118 MICROPAC-42118_05 Datasheet
109Kb / 3P
POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A78MXX AITSEMI-A78MXX Datasheet
522Kb / 10P
BIPOLAR LINEAR REGULATOR THREE TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
A7812 AITSEMI-A7812 Datasheet
659Kb / 8P
BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com