Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6659 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6659
Description  1.5MHz, 600mA Synchronous Buck Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6659 Datasheet HTML 2Page - Sipex Corporation SP6659 Datasheet HTML 3Page - Sipex Corporation SP6659 Datasheet HTML 4Page - Sipex Corporation SP6659 Datasheet HTML 5Page - Sipex Corporation SP6659 Datasheet HTML 6Page - Sipex Corporation SP6659 Datasheet HTML 7Page - Sipex Corporation SP6659 Datasheet HTML 8Page - Sipex Corporation SP6659 Datasheet HTML 9Page - Sipex Corporation SP6659 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Date: 07/20/05
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
_______________________ DROPOUT
OPERATION
When the input voltage decreases toward
the value of the output voltage, the SP6659
allows the main switch to remain on for more
than one switching cycle and increases the
duty cycle until it reaches 100%.
The duty cycle D of a step-down converter is
defined as:
D = T
ON X ƒOSC X 100%
≈ VOUT
X 100%
V
IN
THEORY OF OPERATION
________________________ MAXIMUM
LOAD CURRENT
The SP6659 will operate with an input sup-
ply voltage as low as 2.5V, however, the
maximum load current decreases at lower
inputs due to a large IR drop on the main
switch and synchronous rectifier. The slope
compensation signal reduces the peak in-
ductor current as a function of the duty cycle
to prevent sub-harmonic oscillations at duty
cycles greater than 50%. Conversely, the
current limit increases as the duty cycle
decreases.
_______________________ INDUCTOR
SELECTION
For most designs, the SP6659 operates with
inductors of 1µH to 4.7µH. Low inductance
values are physically smaller but require
faster switching, which can result in some
efficiency loss. The inductor value can be
derived from the following equation:
L = VOUT X (VIN - VOUT)
VIN X ∆IL X ƒ
OSC
Where ∆IL is the inductor Ripple Current.
Large value inductors lower ripple current
and small value inductors result in higher
ripple current. Choose inductors at ripple
current of approximately 35% of the maxi-
mum load current 600mA, or ~ 210mA.
For output voltages above 2.0V, when light-
load efficiency is important, the minimum
recommended inductor is 2.2µH. For opti-
mum voltage-positioning load transients,
choose an inductor with DC series resis-
tance in the 50mΩ to 150mΩ range. For
higher efficiency at heavy loads (above
where TON is the main switch on time, and
ƒ
OSC is the oscillator frequency (1.5Mhz).
The output voltage then is the input voltage
minus the voltage drop across the main
switch and the inductor. At low input supply
voltage, the RDSON of the P-Channel
MOSFET increases, and the efficiency of
the converter decreases. Caution must be
exercised to ensure that the heat dissipated
does not exceed the maximum junction tem-
perature of the IC.
Figure 8. SP6659 Idle Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com