Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6659 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6659
Description  1.5MHz, 600mA Synchronous Buck Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6659 Datasheet HTML 1Page - Sipex Corporation SP6659 Datasheet HTML 2Page - Sipex Corporation SP6659 Datasheet HTML 3Page - Sipex Corporation SP6659 Datasheet HTML 4Page - Sipex Corporation SP6659 Datasheet HTML 5Page - Sipex Corporation SP6659 Datasheet HTML 6Page - Sipex Corporation SP6659 Datasheet HTML 7Page - Sipex Corporation SP6659 Datasheet HTML 8Page - Sipex Corporation SP6659 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Date: 07/20/05
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
SP6659 Efficiency vs. Load Current
V
OUT = 1.2V
40
50
60
70
80
90
100
110
100
1000
Load Current (mA)
Vin = 2.7V
Vin = 3.3V
Vin = 4.2V
SP6659 Efficiency vs. Load Current
V
OUT = 1.8V
40
50
60
70
80
90
100
110
100
1000
Load Current (mA)
Vin = 2.7V
Vin = 3.3V
Vin = 4.2V
Figure 5: Efficiency Vs. Load Current, Vout =1.2V
Figure 6: Efficiency Vs. Load Current, Vout =1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com