Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF1313 Datasheet(PDF) 1 Page - OKI electronic componets

Part # KGF1313
Description  Power FET (Plastic Package Type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1313 Datasheet(HTML) 1 Page - OKI electronic componets

  KGF1313 Datasheet HTML 1Page - OKI electronic componets KGF1313 Datasheet HTML 2Page - OKI electronic componets KGF1313 Datasheet HTML 3Page - OKI electronic componets KGF1313 Datasheet HTML 4Page - OKI electronic componets KGF1313 Datasheet HTML 5Page - OKI electronic componets KGF1313 Datasheet HTML 6Page - OKI electronic componets KGF1313 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
KGF1313
¡ electronic components
This version: Jul. 1998
Previous version: Jan. 1998
¡ electronic components
KGF1313
Power FET (Plastic Package Type)
GENERAL DESCRIPTION
The KGF1313, housed in a SOT-89 type plastic-mold package, is a discrete power FET with
frequencies ranging from the UHF-band to the L-band. This device features high efficiency and
high output power. The KGF1313 specifications are guaranteed to a fixed matching circuit for
3.4 V and 1.9 GHz; external impedance-matching circuits are also required. Because of its high
efficiency, high output power (more than 27 dBm), and plastic package, the KGF1313 is ideal as
a transmitter-final-stage amplifier for personal handy phones, such as digital keying cordless
phones.
FEATURES
• Specifications guaranteed to a fixed matching circuits for 3.4 V, 1.9 GHz
• High output power: 27 dBm (min.) at 1.9 GHz
• High efficiency: 50% (typ.) at 1.9 GHz
• Low thermal resistance: 23
°C/W (typ.)
• Package: 3PMMP (SOT-89 type)
PACKAGE DIMENSIONS
E2Q0029-38-72
1.5
±0.1
0.39
±0.05
(Unit: mm)
4.5
±0.1
+0.08
–0.05
0.4
+0.08
–0.05
0.4
+0.08
–0.05
0.48
1.5
±0.1 1.5±0.1
3
±0.1
Package material
Pin treatment
Solder plate thickness
Lead frame material
Epoxy resin
Solder plating
5 mm or more
Cu
1.6 +0.15
–0.10


Similar Part No. - KGF1313

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1305T OKI-KGF1305T Datasheet
66Kb / 6P
Power FET (Ceramic Package Type)
KGF1322 OKI-KGF1322 Datasheet
75Kb / 6P
Power FET (Ceramic Package Type)
KGF1323 OKI-KGF1323 Datasheet
83Kb / 7P
Power FET(Plastic Package Type)
KGF1323F OKI-KGF1323F Datasheet
67Kb / 6P
Power FET (Plastic Package Type)
More results

Similar Description - KGF1313

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1283 OKI-KGF1283 Datasheet
96Kb / 7P
Power FET (Plastic Package Type)
KGF1284 OKI-KGF1284 Datasheet
82Kb / 7P
Power FET (Plastic Package Type)
KGF1305T OKI-KGF1305T Datasheet
66Kb / 6P
Power FET (Ceramic Package Type)
KGF1323 OKI-KGF1323 Datasheet
83Kb / 7P
Power FET(Plastic Package Type)
KGF1322 OKI-KGF1322 Datasheet
75Kb / 6P
Power FET (Ceramic Package Type)
KGF1323F OKI-KGF1323F Datasheet
67Kb / 6P
Power FET (Plastic Package Type)
KGF1608 OKI-KGF1608 Datasheet
100Kb / 8P
Power FET (Ceramic Package Type)
KGF1633 OKI-KGF1633 Datasheet
73Kb / 6P
Power FET (Plastic Package Type)
KGF1637 OKI-KGF1637 Datasheet
77Kb / 6P
Power FET (Plastic Package Type)
logo
Mitsubishi Electric Sem...
MGF4941AL MITSUBISHI-MGF4941AL_11 Datasheet
191Kb / 7P
Micro-X type plastic package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com