Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF1521 Datasheet(PDF) 3 Page - OKI electronic componets

Part # KGF1521
Description  Small-Signal Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1521 Datasheet(HTML) 3 Page - OKI electronic componets

  KGF1521 Datasheet HTML 1Page - OKI electronic componets KGF1521 Datasheet HTML 2Page - OKI electronic componets KGF1521 Datasheet HTML 3Page - OKI electronic componets KGF1521 Datasheet HTML 4Page - OKI electronic componets KGF1521 Datasheet HTML 5Page - OKI electronic componets KGF1521 Datasheet HTML 6Page - OKI electronic componets KGF1521 Datasheet HTML 7Page - OKI electronic componets KGF1521 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
KGF1521
¡ electronic components
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
*1 Self-bias condition: VDD = 3 V ± 0.3 V, VG = 0 V, f = 1.9 GHz
Item
VDS
Symbol
Condition
Max.
Unit
Drain-source voltage
Gate-source voltage
Total power dissipation
Channel temperature
VGS
Ptot
Tch
Ta = 25°C
—
4.0
0.4
200
150
V
V
mW
°C
Storage temperature
Tstg
—
125
°C
Min.
—
–3.0
—
—
–45
Ta = 25°C
Ta = 25°C
Drain current
IDS
Ta = 25°C
50
mA
—
Item
PO1
Symbol
Condition
Max.
Unit
Output power
—
dBm
2.5
Min.
–3.0
—
(*1)
Typ.
0
1.8
Noise figure
F
(*1)
dB
Linear gain
GLIN
dB
(Ta = 25°C)
—
11.0
12.5
(*1), PIN = –20 dBm
Third-order intercept point
IP3
dBm
—
—12
(*2), f2 = 1.901 GHz
VGS(off)
Gate-source cut-off voltage
–0.6
V
–1.4
VDS = 3 V, IDS = 100 mA—
IDSS
Drain current
—
mA
15
VDS = 3 V, VGS = 0 V
25
IDS(off)
Drain-source leakage current
30
mA—
VDS = 3 V, VGS = –2 V
—
IGDO
Gate-drain leakage current
30
mA—
VGD = –6 V
—
IGSS
Gate-source leakage current
30
mA—
VGS = –3 V
—
ID
Operating current
2.5
mA
—
(*1), PIN = –20 dBm
2.0
gm
Transconductance
—
mS
14
VDS = 3 V, IDS = 2 mA
17



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com