Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGF1521 Datasheet(PDF) 8 Page - OKI electronic componets

Part # KGF1521
Description  Small-Signal Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1521 Datasheet(HTML) 8 Page - OKI electronic componets

  KGF1521 Datasheet HTML 1Page - OKI electronic componets KGF1521 Datasheet HTML 2Page - OKI electronic componets KGF1521 Datasheet HTML 3Page - OKI electronic componets KGF1521 Datasheet HTML 4Page - OKI electronic componets KGF1521 Datasheet HTML 5Page - OKI electronic componets KGF1521 Datasheet HTML 6Page - OKI electronic componets KGF1521 Datasheet HTML 7Page - OKI electronic componets KGF1521 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8/8
KGF1521
¡ electronic components
Test Circuit and Bias Configuration for KGF1521 at 1.9 GHz
IN
T1: Z0 = 75 W, E = 23 deg
T2: Z0 = 100 W, E = 2 deg
T3: Z0 = 100 W, E = 68 deg
T4 = T8: Z0 = 100 W, E = 10 deg
C1 = 1.40 pF, C2 = 1.35 pF
CC(DC Block) = 1000 pF, CB(By-pass) = 1000 pF, CF(Feed through) = 1000 pF
RFC = 60 nH, RG = 1000 W
OUT
(1)
(3)
(4)
KGF
1521
CC
T4
T3
T2
C1
T7
T6
CB
CF
VDD
RFC
T5: Z0 = 100 W, E = 87 deg
T6: Z0 = 100 W, E = 25 deg
T7: Z0 = 75 W, E = 20 deg
T9: Z0 = 100 W, E = 5 deg
T1
T5
T8
C2
T9
CC
RG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com