Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC-2MTS-18 Datasheet(PDF) 1 Page - Mini-Circuits

Part # RC-2MTS-18
Description  RF Transfer Switch Matrix
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RC-2MTS-18 Datasheet(HTML) 1 Page - Mini-Circuits

  RC-2MTS-18 Datasheet HTML 1Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 2Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 3Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 4Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 5Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 6Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 7Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RC-2MTS-18
Key Features
RF Transfer Switch Matrix
USB & Ethernet Controlled
50Ω
DC to 18 GHz
Rev. OR
M167935
RC-2MTS-18
MCL NY
180516
RoHS Compliant
See our web site for RoHS Compliance
methodologies and qualifications
Feature
Advantages
Dual transfer switches
Transfer switches provide a simple DPDT switch application (2 input to 2 output switch matrix) and are
a useful building block in much larger switch matrices
Fail-safe design
The switches revert to a known default state when the DC supply is removed, allowing their use in
systems that must continue to operate safely in the event of power failure
Break-before-make configuration
Prevents a momentary connection of the old and new signal paths, reducing the inconsistent transient
effects that could otherwise be observed during switching
USB & Ethernet control
USB HID and Ethernet (HTTP / Telnet) interfaces provide easy compatibility with a wide range of
software setups and programming environments
Full software support
User friendly Windows GUI (graphical user interface) allows manual control straight out of the box,
while the comprehensive API (application programming interface) with examples and instructions
allows easy automation in most programming environments
Product Overview
Mini-Circuits’ RC-2MTS-18 comprises a pair of independently controlled, electro-mechanical transfer switches. Each switch
operates over a wide bandwidth, from DC to 18 GHz with high isolation (85 dB typical), low insertion loss (0.2 dB typical) and
high input power rating (10W for cold switching). The switches are of a fail-safe and break-before-make-configuration using a
patented design which ensures long-term reliability, with a minimum lifetime of 10 million switching cycles when used within the
noted specifications.
The switch box is constructed in a compact, rugged metal case (4.5 x 6.0 x 2.25”) with 8 SMA (f) RF connectors on the front panel.
The switches are controlled via USB or Ethernet, allowing control directly from a PC, or remotely over a network. Full software
support is provided, including our user-friendly GUI application for Windows and a full API with programming instructions for
Windows and Linux environments (both 32-bit and 64-bit systems).
The Big Deal
• Dual mechanical transfer switch
• High reliability, 10 million switch cycles
• 10W power rating (cold switching)
• High isolation, 85 dB typ.
Typical Applications
• Automated test equipment
• Fail-safe / redundancy switching
• Switch matrices
Case Style: SH2618
Software Package
Rack-Mount Switch Systems Available
See Page 8


Similar Part No. - RC-2MTS-18

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RC-2MTS-12N MINI-RC-2MTS-12N Datasheet
974Kb / 7P
RF Transfer Switch Matrix
REV. A
More results

Similar Description - RC-2MTS-18

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50S-1361XX JFW-50S-1361XX Datasheet
30Kb / 2P
FAILSAFE TRANSFER ELECTROMECHANICAL RF SWITCH
50S-1361-XX-TTL JFW-50S-1361-XX-TTL Datasheet
30Kb / 2P
TRANSFER ELECTROMECHANICAL RF SWITCH
logo
Mini-Circuits
RC-2SP4T-26 MINI-RC-2SP4T-26 Datasheet
584Kb / 7P
RF SP4T Switch Matrix
RC-1SP6T-26 MINI-RC-1SP6T-26 Datasheet
977Kb / 7P
RF SP6T Switch Matrix
RC-2SPDT-A26 MINI-RC-2SPDT-A26 Datasheet
4Mb / 11P
RF SPDT Switch Matrix
RC-3MTS-18 MINI-RC-3MTS-18 Datasheet
1Mb / 11P
RF Transfer Switch Matrix
RC-4SPDT-A26 MINI-RC-4SPDT-A26 Datasheet
4Mb / 11P
RF SPDT Switch Matrix
RC-2MTS-12N MINI-RC-2MTS-12N Datasheet
974Kb / 7P
RF Transfer Switch Matrix
REV. A
RCM-3SP4T-18 MINI-RCM-3SP4T-18 Datasheet
557Kb / 7P
RF SP4T Switch Matrix
REV. A
RCM-6SPDT-18 MINI-RCM-6SPDT-18 Datasheet
649Kb / 7P
RF SPDT Switch Matrix
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com