Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC-2MTS-18 Datasheet(PDF) 7 Page - Mini-Circuits

Part # RC-2MTS-18
Description  RF Transfer Switch Matrix
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RC-2MTS-18 Datasheet(HTML) 7 Page - Mini-Circuits

  RC-2MTS-18 Datasheet HTML 1Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 2Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 3Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 4Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 5Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 6Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 7Page - Mini-Circuits RC-2MTS-18 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page 7 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RC-2MTS-18
RF Transfer Switch Matrix
Ordering Information
Model
Description
RC-2MTS-18
USB & Ethernet controlled transfer switch matrix
5. If you need a Power cord for a country not listed please contact testsolutions@minicircuits.com
Included Accessories
Part No.
Description
AC/DC-24-3W1
AC/DC 24VDC Grounded Power Adaptor.
Operating temperature: 0°C to +40°C, IMax=2.5A
CBL-3W1-XX
AC Power Cord (Select one power cord from below with
each Switch Matrix box)
USB-CBL-AB-3+
2.7 ft (0.8 m) USB Cable: USB type A(Male) to USB
type B(Male)
AC Power Cords5
Part No.
Description
CBL-3W1-US
Power Cord for United States
CBL-3W1-EU
Power Cord for Europe
CBL-3W1-UK
Power Cord for United Kingdom
CBL-3W1-AU
Power Cord for Australia and China
CBL-3W1-IL
Power Cord for Israel
Optional Accessories
Description
USB-CBL-3+ (spare)
2.7 ft (0.8 m) USB Cable: USB type A(Male) to USB type B(Male)
USB-CBL-7+
6.8 ft (2.1 m) USB Cable: USB type A(Male) to USB type B(Male)
USB-CBL-11+
11 ft (3.4 m) USB Cable: USB type A(Male) to USB type B(Male)
CBL-RJ45-MM-5+
5 ft (1.5 m) Ethernet cable: RJ45(Male) to RJ45(Male) Cat 5E cable
BKT-272-08+
Bracket (One set of 2 each)
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this
specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and
measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”);
Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies
thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Refer to Mini-Circuits’ website for pricing and availability information:
https://www.minicircuits.com/WebStore/dashboard.html?model=RC-2MTS-18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com