Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2902829 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2902829
Description  Signal conditioner - MINI MCR-SL-UI-I-LP-NC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902829 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2902829 Datasheet HTML 1Page - PHOENIX CONTACT 2902829 Datasheet HTML 2Page - PHOENIX CONTACT 2902829 Datasheet HTML 3Page - PHOENIX CONTACT 2902829 Datasheet HTML 4Page - PHOENIX CONTACT 2902829 Datasheet HTML 5Page - PHOENIX CONTACT 2902829 Datasheet HTML 6Page - PHOENIX CONTACT 2902829 Datasheet HTML 7Page - PHOENIX CONTACT 2902829 Datasheet HTML 8Page - PHOENIX CONTACT 2902829 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
https://www.phoenixcontact.com/us/products/2902829
12/21/2015   Page 3 / 9
Signal conditioner - MINI MCR-SL-UI-I-LP-NC - 2902829
Technical data
Input data
-200 mV ... 200 mV
-125 mV ... 125 mV
-120 mV ... 120 mV
-150 mV ... 150 mV
-100 mV ... 100 mV
-75 mV ... 75 mV
-60 mV ... 60 mV
-50 mV ... 50 mV
-10 V ... 10 V
-7.5 V ... 7.5 V
-5 V ... 5 V
-3 V ... 3 V
-2.5 V ... 2.5 V
-2 V ... 2 V
-1.25 V ... 1.25 V
-1.2 V ... 1.2 V
-1.5 V ... 1.5 V
-30 V ... 30 V
-25 V ... 25 V
-20 V ... 20 V
-12.5 V ... 12.5 V
-12 V ... 12 V
-15 V ... 15 V
200 mV ... 1000 mV
150 mV ... 750 mV
100 mV ... 500 mV
60 mV ... 300 mV
50 mV ... 250 mV
40 mV ... 200 mV
25 mV ... 125 mV
24 mV ... 120 mV
30 mV ... 150 mV
20 mV ... 100 mV
15 mV ... 75 mV
12 mV ... 60 mV
10 mV ... 50 mV
2 V ... 10 V (additional areas can be configured, see table)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com