Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2902829 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2902829
Description  Signal conditioner - MINI MCR-SL-UI-I-LP-NC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2902829 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2902829 Datasheet HTML 1Page - PHOENIX CONTACT 2902829 Datasheet HTML 2Page - PHOENIX CONTACT 2902829 Datasheet HTML 3Page - PHOENIX CONTACT 2902829 Datasheet HTML 4Page - PHOENIX CONTACT 2902829 Datasheet HTML 5Page - PHOENIX CONTACT 2902829 Datasheet HTML 6Page - PHOENIX CONTACT 2902829 Datasheet HTML 7Page - PHOENIX CONTACT 2902829 Datasheet HTML 8Page - PHOENIX CONTACT 2902829 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
https://www.phoenixcontact.com/us/products/2902829
12/21/2015   Page 4 / 9
Signal conditioner - MINI MCR-SL-UI-I-LP-NC - 2902829
Technical data
Input data
1.5 V ... 7.5 V
1 V ... 5 V
0.6 V ... 3 V
0.5 V ... 2.5 V
0.4 V ... 2 V
0.25 V ... 1.25 V
0.24 V ... 1.2 V
0.3 V ... 1.5 V
6 V ... 30 V
5 V ... 25 V
4 V ... 20 V
2.5 V ... 12.5 V
2.4 V ... 12 V
3 V ... 15 V
Current input signal
0 mA ... 40 mA
0 mA ... 30 mA
0 mA ... 20 mA
0 mA ... 12 mA
0 mA ... 10 mA
0 mA ... 8 mA
0 mA ... 7.5 mA
0 mA ... 5 mA
0 mA ... 6 mA
0 mA ... 4 mA
0 mA ... 3 mA
0 mA ... 2.5 mA
0 mA ... 2 mA
-40 mA ... 40 mA
-30 mA ... 30 mA
-20 mA ... 20 mA
-12 mA ... 12 mA
-10 mA ... 10 mA
-8 mA ... 8 mA
-7.5 mA ... 7.5 mA
-5 mA ... 5 mA
-6 mA ... 6 mA
-4 mA ... 4 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com