Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE301A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE301A
Description  Ultra-Small High-Precision Low Voltage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE301A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE301A
Ultra-Small High-Precision Low Voltage Detector
VER 1.1
3
Block diagram
NMOS open-drain
CMOS output
Electrical Characteristics:
(TA=25℃, Unless otherwise specified.)
Parameter
Symbol
Conditions
Reference data
Unit
Min.
Typ.
Max.
Detection voltage*1
−V
DET
−V
DET(S)
×0.98
−V
DET(S)
−V
DET(S)
×1.02
V
Hysteresis width
V
HYS
0.02×
−V
DET(S)
0.05×
−V
DET(S)
0.08×
−V
DET(S)
V
Current consumption
I
SS
VDD =-VDET+0.5V
1.0
2.0
uA
Operating voltage
V
DD
0.7
6
V
Leakage current
I
LEAK
Only for NMOS open-drain
output products,
VDD =8.0 V, VOUT =8.0 V
1.0
uA
temperature coefficient
Ta=−40°C ~+85°C
±120
±360
ppm°C
Delay time
T
PLH
200
uS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com