Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE301A Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE301A
Description  Ultra-Small High-Precision Low Voltage Detector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301A Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE301A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ACE301A
Ultra-Small High-Precision Low Voltage Detector
VER 1.1
4
Function Description
1.
When a voltage higher than the release voltage (+VDET) is applied to the voltage input pin (VDD), the
voltage will be equal to the input at VDD.
Note that high impedance exists at VOUT with the N-channel open drain configuration. If the pin is
pulled up, VOUT will be equal to the pull up voltage.
2.
When VDD falls below -VDET , VOUT will be equal to the ground voltage (VSS) level (detect state).
Note that this also applies to N-channel open drain configurations.
3.
When VDD falls to a level below that of the minimum operating voltage (VMIN ) output will become
unstable.
Because the output pin is generally pulled up with N-channel open drain configurations, output will
be equal to pull up voltage.
4.
When VDD rises above the VSS level (excepting levels lower than minimum operating voltage), VOUT
will be equal to VSS until VDD reaches the +VDET level.
5.
Although VDD will rise to a level higher than +VDET, VOUT maintains ground voltage level via the delay
circuit.
6.
Following transient delay time, VDD will be output at VOUT.
Note that high impedance exists with the N-channel open drain configuration and that voltage will be
dependent on pull up.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com