Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE345E Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE345E
Description  Adjustable USB Load Current Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE345E Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE345E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ACE345E
Adjustable USB Load Current Switch
VER 1.2
5
Function Description
The ACE345E is a load switch which provides full protection to systems and loads which may encounter
large current conditions. ACE345E offers a
95mΩ current-limited switch which can operate over an input
voltage range of 2.5-5.5V. The current limit can be externally programmed by a precision resistor, ranges
from 75mA to 1.7A. ACE345E also features reverse voltage blocking, UVLO, and thermal shutdown to
protect IC from overheating.
Current Limiting
The current limit ensures that the current through the switch doesn't exceed a maximum value while not
limiting at less than a minimum value. The current at which the parts will limit is adjustable through the
selection of an external resistor connected to ILIM. Information for selecting the resistor is found in the
Application Info section. ACE345E thermal cycles if an overload condition is present long enough to
activate thermal limiting in any of the above cases. The device turns off when the junction temperature
exceeds 135°C (t y p) while in current limit. The device remains off until the junction temperature cools
10°C (t y p) and then restarts
Reverse-Voltage Blocking
The reverse-voltage protection feature turns off the Power MOSFET whenever the output voltage
exceeds the input voltage by 150mV (typ) for 4-ms (typ). This prevents damage to devices on the input
side of the ACE345E by preventing significant current from sinking into the input capacitance. The
ACE345E allow the power MOSFET to turn on once the output voltage goes below the input voltage for
the same 4-ms deglitch time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com