Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE345E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE345E
Description  Adjustable USB Load Current Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE345E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE345E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE345E
Adjustable USB Load Current Switch
VER 1.2
1
Description
The ACE345E is a load switch which provides full protection to systems and loads which may
encounter large current conditions. ACE345E
offers a 95mΩ current-limited switch which can operate
over an input voltage range of 2.5-5.5V. The current limit can be externally programmed by a precision
resistor, ranges from 75mA to 1.7A. Switch control is by a logic input (EN) capable of interfacing directly
with low voltage control signals. Current is prevented from flowing when the switch is off and the output
voltage is higher than the input voltage. ACE345E also features thermal shutdown protection which shuts
off the switch to prevent damage to the part when a continuous over-current condition causes excessive
heating. When the switch current reaches the current limit, the parts operate in a constant-current mode
to prohibit excessive currents from causing damage. The ACE345E will not turn off after a current limit
fault, but will rather remain in the constant current mode indefinitely.
Features
Up to 1.5A Max Load current
Accurate Current-limit threshold: +/-5%
Programmable Current-limit : 75mA to 1.7A
Fast Over-Current Response
Reversed Current blocking
Thermal Shutdown, UVLO protection
Tiny SOT23-5 Package
Application
USB ports/Hubs
Hot Swaps
Cellphones
Tablet PC
Set Top Box
PC motherboard
Handheld Devices
Absolute Maximum Ratings
Parameter
Range
IN to GND
–0.3V to 6V
OUT, ILIM, EN to GND
–0.3V to VIN+0.3V
OUT to GND Current
Internally limited
Maximum Power Dissipation
0.67W
Operating Temperature Range
–40°C to 85°C
Storage Temperature Range
–55°C to 150°C
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE345E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE345 ACE-ACE345 Datasheet
973Kb / 8P
Adjustable USB Load Current Switch
VER 1.2
More results

Similar Description - ACE345E

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
Precision Load Switch with Adjustable Current Limit
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE345 ACE-ACE345 Datasheet
973Kb / 8P
Adjustable USB Load Current Switch
VER 1.2
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
Load Switch with Adjustable Current-Limit Control
logo
SHANGHAI BELLING CO., L...
BL2554 BELLING-BL2554 Datasheet
455Kb / 6P
Adjustable USB Load Current Switch
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
AiT Semiconductor Inc.
A4776 AITSEMI-A4776 Datasheet
837Kb / 10P
SWITCH ADJUSTABLE USB LOAD CURRENT SWITCH
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com