Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8012 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8012
Description  MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8012 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8012 Datasheet HTML 1Page - Diodes Incorporated PAM8012 Datasheet HTML 2Page - Diodes Incorporated PAM8012 Datasheet HTML 3Page - Diodes Incorporated PAM8012 Datasheet HTML 4Page - Diodes Incorporated PAM8012 Datasheet HTML 5Page - Diodes Incorporated PAM8012 Datasheet HTML 6Page - Diodes Incorporated PAM8012 Datasheet HTML 7Page - Diodes Incorporated PAM8012 Datasheet HTML 8Page - Diodes Incorporated PAM8012 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PAM8012
Document number: DSxxxxx Rev. 1 - 3
4 of 14
www.diodes.com
October 2012
© Diodes Incorporated
PAM8012
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, VDD = 5V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VDD
Supply Voltage
2.5
5.5
V
PO
Output Power
RPL = 110KΩ, f = 3kHz, R = 4Ω
VDD = 5V
2.0
W
RPL = 110KΩ, f = 3kHz, R = 8Ω
VDD = 5V
1.0
THD+N
Total Harmonic Distortion Plus Noise
VDD = 5V, PO = 1W, R = 4Ω
f = 1kHz
0.08
VDD = 3.6V, PO = 2W, R = 4Ω
0.08
%
VDD = 5V, PO = 1W, R = 8Ω
f = 1kHz
0.08
VDD = 5V, PO = 0.5W, R = 8Ω
0.08
%
PSRR
AC Power Supply Ripple Rejection
f = 217Hz, Inputs AC-Grounded
with CIN = 0.1µF
VDD = 5.0V
-75
VDD = 3.6V
-75
SNR
Signal to Noise Ratio
THD = 1%, f = 1KHz
VDD = 5.0V
95
dB
VDD = 3.6V
95
VN
Output Noise
CIN = 0.1µF, Inputs AC-Grounded
No A-Weighting
60
A-Weighting
40
µV
η
Peak Efficiency
RL = 8Ω
f = 1kHz
90
RL = 4Ω
87
%
IQ
Quiescent Current
VEN = 5.0V, VDD = 5V, PL = 0V
No Load
4.2
mA
ISD
Shutdown Current
VDD = 2.5V to 5.5V, VEN = 0V
No Load
1
µA
|VOS|
Offdet Voltage
VDD = 5V
-20
+20
mV
RIN
Input Resistor
VDD = 5V
31
KΩ
GV
Closed Loop Gain
VDD = 5V
18
dB
fSW
Switching Frequency
VDD = 5V
250
KHz
TON
Turn-On Time
VDD = 5V
45
mS
OTP
Over Temperature Protection
VDD = 5V
No Load
150
°C
OTH
Over Temperature Hysterisis
VDD = 5V
No Load
40
°C
VENH
High-Level EN Voltage
VDD = 5V
1.4
V
VENL
Low-Level EN Voltage
VDD = 5V
0.4
V
AR
Maximum Attenuation Range
Anti-Saturation Active from +18dB to -18dB
26
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com