Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8012 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PAM8012
Description  MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8012 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PAM8012 Datasheet HTML 6Page - Diodes Incorporated PAM8012 Datasheet HTML 7Page - Diodes Incorporated PAM8012 Datasheet HTML 8Page - Diodes Incorporated PAM8012 Datasheet HTML 9Page - Diodes Incorporated PAM8012 Datasheet HTML 10Page - Diodes Incorporated PAM8012 Datasheet HTML 11Page - Diodes Incorporated PAM8012 Datasheet HTML 12Page - Diodes Incorporated PAM8012 Datasheet HTML 13Page - Diodes Incorporated PAM8012 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PAM8012
Document number: DSxxxxx Rev. 1 - 3
10 of 14
www.diodes.com
October 2012
© Diodes Incorporated
PAM8012
A Product Line of
Diodes Incorporated
Ordering Information
Part Number
Part Marking
Package Type
Standard Package
PAM8012AZN
BI
YW
WCSP (1.3mm x 1.3mm)
3000 Units/Tape&Reel
PAM8012BSM
P8012
XXXYW
eMSOP10
2500 Units/Tape&Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com