Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC7113 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FC7113
Description  Power Amplifier Module for CDMA/AMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FC7113 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FC7113 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FC7113
Power Amplifier Module for CDMA/AMPS
Preliminary
1 / 5
Last Update 12/30/04
Future
Communications
Integrated circuit Inc.
DESCRIPTION
FC7113 is a high-power, high-efficiency power
amplifier
module
for
CDMA/AMPS
wireless
handsets. It consists of a two-stage amplifier, 50-
ohm matching network for both input and output
ports, and bias control circuitry. One of the most
important features of FC7113, the fixed bias
mode operation, which eliminates the need for
mode change between low-power and high–
power/high-gain
mode,
provides
excellent
performance up to 31-dBm output power. This
advantage also makes it possible to carry out
one step calibration in any handsets with very
low idle current. It is assembled in a 3-mm x 3-
mm package without any passive component in
it. This lead-free package provides excellent
electrical stability and low thermal resistance.
This FC7113 is manufactured with an advanced
InGaP HBT MMIC process.
APPLICATIONS
l Single mode CDMA wireless handsets
l Dual mode AMPS/CDMA wireless handsets
REVISION HISTORY
l Preliminary version A datasheet release:
October 5, 2004
l Preliminary version B datasheet release:
December 30, 2004
FEATURES
l Small surface mounting package
(3x3x1.32mm)
l Operating frequency: 824~849MHz
l CDMA single-mode operation up to 28dBm
l AMPS single-mode operation up to 31dBm
l High efficiency: 55% AMPS, 39.5% CDMA
l Very low quiescent current: 34mA
l Low leakage current in shutdown mode: < 1uA
l Optimized for a 50
Ω system
l Lead-free package
l No passive component in package
FUNCTIONAL BLOCK DIAGRAM
7113
Driver -stage
Bias
Power -stage
Bias
Input
Match
Inter
Match
DA
PA
4
3
2
1
5
6
7
8
Out
Match
(TOP VIEW)
For latest specifications, technical questions and additional product information, visit website or e -mail
URL : http://www.fci.co.kr
FCI Inc.
Email : info@fci.co.kr
2nd Fl. Korea First Bank B/D, 6-8 Sunae-Dong Bundang- Gu,
Sungnam City, Kyunggi-do,
Phone : 82-31-711-6444
463-020, KOREA
Fax: 82-31- 714-6576


Similar Part No. - FC7113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC7103 ETC1-FC7103 Datasheet
193Kb / 6P
Power Amplifier Module for CDMA/AMPS
More results

Similar Description - FC7113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMPA0913C-58 ETC-RMPA0913C-58 Datasheet
257Kb / 6P
3.5V AMPS/CDMA Power Amplifier
logo
ANADIGICS, Inc
AWT6111 ANADIGICS-AWT6111 Datasheet
79Kb / 4P
CDMA/AMPS Power Amplifier
Rev 0
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
CDMA/AMPS Power Amplifier Module
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
REV 1.0
logo
List of Unclassifed Man...
FC7103 ETC1-FC7103 Datasheet
193Kb / 6P
Power Amplifier Module for CDMA/AMPS
logo
ANADIGICS, Inc
AWT6112 ANADIGICS-AWT6112 Datasheet
361Kb / 12P
Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.6
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
Power Amplifier Module for CDMA/AMPS (824-849 MHz)
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
CDMA/AMPS Power Amplifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com