Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C388 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # C388
Description  Forward and reverse blocking capabilities to 1200 volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

C388 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  C388 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. C388 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. C388 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - C388

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C388 COILCRAFT-C388 Datasheet
100Kb / 1P
Designer’s Kits
logo
Toshiba Semiconductor
C3886A TOSHIBA-C3886A Datasheet
62Kb / 1P
TRANSISTOR SILICON NPN / 1400V / 8A / 50W
More results

Similar Description - C388

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS1A ETC1-IS1A Datasheet
186Kb / 2P
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Gaomi Xinghe Electronic...
SR530 GXELECTRONICS-SR530 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR550 GXELECTRONICS-SR550 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR560 GXELECTRONICS-SR560 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR5200 GXELECTRONICS-SR5200 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
GOOD-ARK Electronics
R1200 GOOD-ARK-R1200_15 Datasheet
116Kb / 2P
High Voltage Silicon Rectifiers Reverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
logo
SEMTECH ELECTRONICS LTD...
MCR100-3 SEMTECH_ELEC-MCR100-3 Datasheet
283Kb / 2P
Peak Repetitive Forward and Reverse Blocking
logo
First Silicon Co., Ltd
MBR15XXCT FS-MBR15XXCT Datasheet
322Kb / 3P
Reverse Voltage 35 to 60 Volts Forward Current 15.0 Amperes
SB520 FS-SB520 Datasheet
321Kb / 2P
Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
UF4001 FS-UF4001 Datasheet
207Kb / 2P
Reverse Voltage 50 to 1000 Volts, Forward Current 1.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com