Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USL1602 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # USL1602
Description  CONSTANT CURRENT CONTROLLER FOR NON-ISOLATED BUCK LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USL1602 Datasheet(HTML) 2 Page - Unisonic Technologies

  USL1602 Datasheet HTML 1Page - Unisonic Technologies USL1602 Datasheet HTML 2Page - Unisonic Technologies USL1602 Datasheet HTML 3Page - Unisonic Technologies USL1602 Datasheet HTML 4Page - Unisonic Technologies USL1602 Datasheet HTML 5Page - Unisonic Technologies USL1602 Datasheet HTML 6Page - Unisonic Technologies USL1602 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
USL1602
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R125-049.a
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground
2
LN
Line compensation sense input
3
VCC
Power supply, clamp to 12.5V by internal Zener diode
4
SOURCE
Internal HV power MOSFET source
5, 6
DRAIN
Internal HV power MOSFET drain
7, 8
CS
Current sense input, the sense resistor is connected from CS to ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com