Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USL1602 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # USL1602
Description  CONSTANT CURRENT CONTROLLER FOR NON-ISOLATED BUCK LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USL1602 Datasheet(HTML) 4 Page - Unisonic Technologies

  USL1602 Datasheet HTML 1Page - Unisonic Technologies USL1602 Datasheet HTML 2Page - Unisonic Technologies USL1602 Datasheet HTML 3Page - Unisonic Technologies USL1602 Datasheet HTML 4Page - Unisonic Technologies USL1602 Datasheet HTML 5Page - Unisonic Technologies USL1602 Datasheet HTML 6Page - Unisonic Technologies USL1602 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
USL1602
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R125-049.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Internal HV MOSFET Drain Voltage
VDS
-0.3 ~ 600
V
VCC Pin Maximum Sink Current
ICC MAX
5
mA
Line Compensation Pin Input Voltage
VLN
-0.3 ~ 18
V
Internal HV MOSFET Source Voltage
VSOURCE
-0.3 ~ 18
V
Current Sense Pin Input Voltage
VCS
-0.3 ~ 6
V
Power Dissipation
PD
0.5
W
Operating Junction Temperature
TJ
-40 ~ +150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Output LED Current
ILED
<135
mA
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
150
°C/W
ELECTRICAL CHARACTERISTICS (Notes 1, 2) (Unless otherwise specified, VCC=12V and TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Section
VCC Clamping Voltage
VCC CLAMP
12.5
V
VCC Clamping Current
IDD CLAMP
5
mA
VCC Start Up Voltage
VCC ST
VCC Rise
7.5
8.3
9.1
V
VCC Under Voltage Latch Out Hysteresis
VUVLO HYS
VCC Falling
1
V
Start Up Current
IST
VCC=VCC ST-0.5V
70
150
µA
Operation Current
IOP
200
µA
Current Sense Section
Current Sense Voltage Threshold
VCS TH
390
400
410
mV
Leading Edge Blanking Time
TLEB
350
ns
Turn Off Delay Time
TDELAY
300
ns
Line Compensation Section
Line Compensation Rate
∆VCS/∆(VLN-VCC)
-40
mV/V
Over Temperature Section
Thermal Shut Down Temperature
TSD
150
°C
Thermal Shut Down Hysteresis
TSD HYS
30
°C
Internal HV MOSFET
Switch ON Resistance
RDS ON
VCC=12V
8
Ω
Drain to Source Voltage
VDS
600
V
Internal Driver Section
Minimum Demagnetization Time
TOFF MIN
4
µs
Maximum Demagnetization Time
TOFF MAX
130
µs
Maximum Turn On Time
TON MAX
45
µs
Notes: 1. Production testing of the chip is performed at 25°C.
2. The maximum and minimum parameters specified are guaranteed by test, the typical value are guaranteed
by design, characterization and statistical analysis.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com