Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE13417B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE13417B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE13417B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE13417B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE13417B
P-Channel Enhancement Mode Power MOSFET
VER 1.1
2
Ordering information
ACE13417B XX + H
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON/OFF Characteristics
Drain-Source Breakdown
Voltage
V
(BR)DSS
V
GS = 0V, ID= -250μA
-20
V
Zero Gate Voltage Drain
Current
I
DSS
V
DS = -16V , VGS = 0V
-1
μA
Gate Threshold Voltage
V
GS(th)
V
GS =VDS , IDS=-250μA
-0.45
-0.7
-1
V
Gate Leakage Current
I
GSS
VGS=
1 2V , V
DS=0V
±100
nA
Drain-Source On-state
Resistance
R
DS(on)
V
GS = -4.5V , ID= -4.9A
34
43
mΩ
mΩ
V
GS = -2.5V , ID= -3.1A
42
60
Forward Transconductance
gFS
VDS= -5V , ID= -2A
6
S
Diode Forward Voltage
VSD
ISD= -1.6A , VGS= 0V
-1.2
V
Switching Characteristics
Total Gate Charge
Qg
VDS =-10V, ID = -4.9A VGS = -4.5V
8
nC
Gate-Source Charge
Qgs
1.6
nC
Gate-Drain Charge
Qgd
1.9
nC
Turn-on Delay Time
td ( on )
VDD =-10V, RL
=10Ω I
D = -1A, VGEN
= -4.5V RG =
6Ω
8
ns
Turn-on Rise Time
tr
12.8
ns
Turn-off Delay Time
td( off )
33
ns
Turn-off Fall Time
tf
18
ns
Dynamic Characteristics
Input Capacitance
Ciss
VGS=0V,VDS= -10V,f= 1.0MHz
815
pF
Output Capacitance
Coss
145
pF
Reverse Transfer
Capacitance
Crss
110
pF
Note :
1.
Pulse width limited by maximum junction temperature.
2.
Pulse test: PW≤300μ s, duty cycle≤2%.
3.
For design AID only, not subject to production testing.
4.
Switching time is essentially independent of operating temperature.
BM : SOT23-3
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com