Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE13417B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE13417B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE13417B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE13417B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE13417B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE13417B
P-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
The ACE13417B uses advanced trench technology to provide excellent RDS, low gate charge and
operation with gate voltages as low as 2.5V.This device is suitable for use as a load switch or in PWM
applications.
Features
VDS (V) = -20V,ID = -4.9A
RDS(ON)=34m
Ω @ VGS= -4.5V
RDS(ON)
=42mΩ @ VGS= -2.5V
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Continuous)
TA=25℃
ID
-4.9
A
TA=70℃
-3.9
Drain Current (Pulsed)
IDM
-19.7
A
Power Dissipation
TA=25℃
PD
1.6
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
℃
Packaging Type
SOT-23-3
Pin Configurations
SOT-23-3
Description
Function
1
G
Gate
2
S
Source
3
D
Drain


Similar Part No. - ACE13417B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE13402M ACE-ACE13402M Datasheet
552Kb / 6P
N-Channel 30-V (D-S) MOSFET
VER 1.1
ACE13402MGM+H ACE-ACE13402MGM+H Datasheet
552Kb / 6P
N-Channel 30-V (D-S) MOSFET
VER 1.1
More results

Similar Description - ACE13417B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com