Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5142ABCPZ10-RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5142ABCPZ10-RL7
Description  Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABCPZ10-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5142ABCPZ10-RL7 Datasheet HTML 5Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 6Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 9Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 10Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 11Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 12Page - Analog Devices AD5142ABCPZ10-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD5122A/AD5142A
Rev. B | Page 9 of 32
INTERFACE TIMING SPECIFICATIONS
VLOGIC = 1.8 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Description
f
SCL
2
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
t
1
Standard mode
4.0
µs
SCL high time, t
HIGH
Fast mode
0.6
µs
t
2
Standard mode
4.7
µs
SCL low time, t
LOW
Fast mode
1.3
µs
t
3
Standard mode
250
ns
Data setup time, t
SU; DAT
Fast mode
100
ns
t
4
Standard mode
0
3.45
µs
Data hold time, t
HD; DAT
Fast mode
0
0.9
µs
t
5
Standard mode
4.7
µs
Setup time for a repeated start condition, t
SU; STA
Fast mode
0.6
µs
t
6
Standard mode
4
µs
Hold time (repeated) for a start condition, t
HD; STA
Fast mode
0.6
µs
t
7
Standard mode
4.7
µs
Bus free time between a stop and a start condition, t
BUF
Fast mode
1.3
µs
t
8
Standard mode
4
µs
Setup time for a stop condition, t
SU; STO
Fast mode
0.6
µs
t
9
Standard mode
1000
ns
Rise time of SDA signal, t
RDA
Fast mode
20 + 0.1 C
L
300
ns
t
10
Standard mode
300
ns
Fall time of SDA signal, t
FDA
Fast mode
20 + 0.1 C
L
300
ns
t
11
Standard mode
1000
ns
Rise time of SCL signal, t
RCL
Fast mode
20 + 0.1 C
L
300
ns
t
11A
Standard mode
1000
ns
Rise time of SCL signal after a repeated start condition
and after an acknowledge bit, t
RCL1 (not shown in Figure 3)
Fast mode
20 + 0.1 C
L
300
ns
t
12
Standard mode
300
ns
Fall time of SCL signal, t
FCL
Fast mode
20 + 0.1 C
L
300
ns
t
SP
3
Fast mode
0
50
ns
Pulse width of suppressed spike (not shown in Figure 3)
t
RESET
0.1
10
µs
RESET low time (not shown in Figure 3)
t
EEPROM_PROGRAM
4
15
50
ms
Memory program time (not shown in Figure 3)
t
EEPROM_READBACK
7
30
µs
Memory readback time (not shown in Figure 3)
t
POWER_UP
5
75
µs
Power-on EEPROM restore time (not shown in Figure 3)
t
RESET
30
µs
Reset EEPROM restore time (not shown in Figure 3)
1 Maximum bus capacitance is limited to 400 pF.
2 The SDA and SCL timing is measured with the input filters enabled. Switching off the input filters improves the transfer rate; however, it has a negative effect on the
EMC behavior of the part.
3 Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns for fast mode.
4 The EEPROM program time depends on the temperature and EEPROM write cycles. Higher timing is expected at lower temperatures and higher write cycles.
5 Maximum time after V
DD − VSS is equal to 2.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com