Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5142ABCPZ100-RL7 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5142ABCPZ100-RL7
Description  Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABCPZ100-RL7 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5142ABCPZ100-RL7 Datasheet HTML 24Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 25Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 26Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 27Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 28Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 29Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 30Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 31Page - Analog Devices AD5142ABCPZ100-RL7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD5122A/AD5142A
Rev. B | Page 29 of 32
ORDERING GUIDE
Model1, 2, 3
R
AB (kΩ)
Resolution
Interface
Temperature Range
Package Description
Package
Option
Branding
AD5122ABCPZ10-RL7
10
128
I2C
−40°C to +125°C
16-Lead LFCSP
CP-16-22
DHA
AD5122ABCPZ100-RL7
100
128
I2C
−40°C to +125°C
16-Lead LFCSP
CP-16-22
DHG
AD5122AWBCPZ10-RL7
10
128
I2C
−40°C to +125°C
16-Lead LFCSP
CP-16-22
DN1
AD5122ABRUZ10
10
128
I2C
−40°C to +125°C
16-lead TSSOP
RU-16
AD5122ABRUZ100
100
128
I2C
−40°C to +125°C
16-lead TSSOP
RU-16
AD5122ABRUZ10-RL7
10
128
I2C
−40°C to +125°C
16-lead TSSOP
RU-16
AD5122ABRUZ100-RL7
100
128
I2C
−40°C to +125°C
16-lead TSSOP
RU-16
AD5142ABCPZ10-RL7
10
256
I2C
−40°C to +125°C
16-Lead LFCSP
CP-16-22
DH7
AD5142ABCPZ100-RL7
100
256
I2C
−40°C to +125°C
16-Lead LFCSP
CP-16-22
DH4
AD5142AWBCPZ10-RL7
10
256
I2C
−40°C to +125°C
16-Lead LFCSP
CP-16-22
DMZ
AD5142ABRUZ10
10
256
I2C
−40°C to +125°C
16-lead TSSOP
RU-16
AD5142ABRUZ100
100
256
I2C
−40°C to +125°C
16-lead TSSOP
RU-16
AD5142ABRUZ10-RL7
10
256
I2C
−40°C to +125°C
16-lead TSSOP
RU-16
AD5142ABRUZ100-RL7
100
256
I2C
−40°C to +125°C
16-lead TSSOP
RU-16
EVAL-AD5142ADBZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 The evaluation board is shipped with the 10 kΩ R
AB resistor option; however, the board is compatible with both of the available resistor value options.
3 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD5122AW/AD5142AW models are available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com