Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EADCS080RA2 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # EADCS080RA2
Description  Display  Through-hole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EADCS080RA2 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  EADCS080RA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EADCS080RA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EADCS080RA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EADCS080RA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EADCS080RA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EADCS080RA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DATASHEET
Display
Through-hole
EADCS080RA2
6
opyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : May 22, 2014
Issue No : DDF-0001874. Rev.2
www.everlightamericas.com
Application Restrictions
1. Specification described in this document. Above specification may be changed without notice. EVERLIGHT
Americas will reserve authority on material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in
these specification sheets. EVERLIGHT Americas assumes no responsibility for any damage resulting from use of
the product which does not comply with the absolute maximum ratings and the instructions included in these
specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT Americas Corporation.
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT Americas’ consent.
4. ESD (Electrostatic Discharge)
The products are sensitive to static electricity or surge voltage. ESD can damage a die and its reliability.
When handling the products, the following measures against electrostatic discharge are strongly
recommended:
Eliminating the charge
Grounded wrist strap, ESD footwear, clothes, and floors
Grounded workstation equipment and tools
ESD table/shelf mat made of conductive materials
Proper grounding is required for all devices, equipment, and machinery used in product assembly.
Surge protection should be considered when designing of commercial products.
If tools or equipment contain insulating materials such as glass or plastic,
the following measures against electrostatic discharge are strongly recommended:
Dissipating static charge with conductive materials
Preventing charge generation with moisture
Neutralizing the charge with ionizers
5. The LEDs should be operated with forward bias. The driving circuit must be designed so that the LEDs are not
subjected to forward or reverse voltage while it is off. If reverse voltage is continuously applied to the LEDs, it may
cause migration resulting in LED damage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com