Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EADCS080RA2 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EADCS080RA2
Description  Display  Through-hole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EADCS080RA2 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EADCS080RA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EADCS080RA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EADCS080RA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EADCS080RA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EADCS080RA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EADCS080RA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
opyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : May 22, 2014
Issue No : DDF-0001874. Rev.2
www.everlightamericas.com
Display
Through-hole
EADCS080RA2
Features
• Industrial standard size.
• Low power consumption.
• Categorized for luminous intensity.
• Pb free and RoHS compliant.
Description
• The EADCS080RA2 is a 20.4mm (0.8”) digit height seven-segment display.
• The display provides excellent reliability in bright ambient light.
• The device is made with white segments and gray surface.
Applications
• Home appliances
• Instrument panels
• Digital readout displays


Similar Part No. - EADCS080RA2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EADCS080RA1 EVERLIGHT-EADCS080RA1 Datasheet
264Kb / 6P
Display  Through-hole
More results

Similar Description - EADCS080RA2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EADCD030RA1 EVERLIGHT-EADCD030RA1 Datasheet
439Kb / 6P
Display  Through-hole
May 13, 2014
EADCD040OA2 EVERLIGHT-EADCD040OA2 Datasheet
413Kb / 6P
Display Through-hole
May 15, 2014
EADDM117AA2 EVERLIGHT-EADDM117AA2 Datasheet
477Kb / 6P
Display  Through-hole
May 22, 2014
EADDM288YA1 EVERLIGHT-EADDM288YA1 Datasheet
444Kb / 6P
Display  Through-hole
EADDM288GA2 EVERLIGHT-EADDM288GA2 Datasheet
453Kb / 6P
Display  Through-hole
EADCF056RA3 EVERLIGHT-EADCF056RA3 Datasheet
571Kb / 6P
Display ??Through-hole
EADCS052RA2 EVERLIGHT-EADCS052RA2 Datasheet
436Kb / 6P
Display  Through-hole
EADCS056RA4 EVERLIGHT-EADCS056RA4 Datasheet
383Kb / 7P
Display ??Through-hole
EADCS100RA2 EVERLIGHT-EADCS100RA2 Datasheet
449Kb / 6P
Display  Through-hole
EADCS224BA2 EVERLIGHT-EADCS224BA2 Datasheet
374Kb / 6P
Display  Through-hole
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com