Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5686 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 9Page - Texas Instruments DAC5686 Datasheet HTML 10Page - Texas Instruments DAC5686 Datasheet HTML 11Page - Texas Instruments DAC5686 Datasheet HTML 12Page - Texas Instruments DAC5686 Datasheet HTML 13Page - Texas Instruments DAC5686 Datasheet HTML 14Page - Texas Instruments DAC5686 Datasheet HTML 15Page - Texas Instruments DAC5686 Datasheet HTML 16Page - Texas Instruments DAC5686 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
www.ti.com
fO – Output Frequency – MHz
65
70
75
80
85
90
95
10
15
20
25
30
35
40
45
50
55
60
± 0.5 MHz
± 2 MHz
fdata = 150 MSPS
Dual DAC Mode
2y Interpolation
f – Frequency – MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
15
20
25
30
fdata = 150 MSPS
fIN1 = 19.5 MHz
fIN2 = 20.5 MHz
Dual DAC Mode
2y Interpolation
fO – Output Frequency – MHz
55
60
65
70
75
80
85
90
10
30
50
70
90
110
130
150
fdata = 80 MSPS
NCO On
Quad Mode
4y Interpolation
± 0.5 MHz
± 2 MHz
f – Frequency – MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
60
65
70
75
80
fdata = 80 MSPS
fIN1 = –0.5 MHz
fIN2 = 0.5 MHz
NCO = 70 MHz
Quad Mode
4y Interpolation
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (continued)
TWO-TONE IMD3
vs
OUTPUT FREQUENCY
TWO-TONE IMD PERFORMANCE
Figure 7.
Figure 8.
TWO-TONE IMD3
vs
OUTPUT FREQUENCY
TWO-TONE IMD PERFORMANCE
Figure 9.
Figure 10.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com