Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5686 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5686
Description  16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5686 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC5686 Datasheet HTML 17Page - Texas Instruments DAC5686 Datasheet HTML 18Page - Texas Instruments DAC5686 Datasheet HTML 19Page - Texas Instruments DAC5686 Datasheet HTML 20Page - Texas Instruments DAC5686 Datasheet HTML 21Page - Texas Instruments DAC5686 Datasheet HTML 22Page - Texas Instruments DAC5686 Datasheet HTML 23Page - Texas Instruments DAC5686 Datasheet HTML 24Page - Texas Instruments DAC5686 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
www.ti.com
Serial-Port Timing Diagrams
DAC5686
SLWS147B – APRIL 2003 – REVISED AUGUST 2004
DETAILED DESCRIPTION (continued)
Each read/write operation is framed by signal SDENB (serial data enable bar) asserted low for 2 to 5 bytes,
depending on the data length to be transferred (1–4 bytes). The first frame byte is the instruction cycle, which
identifies the following data transfer cycle as read or write, how many bytes to transfer, and the address to/from
which to transfer the data. Table 1 indicates the function of each bit in the instruction cycle and is followed by a
detailed description of each bit. Frame bytes 2 through 5 comprise the data to be transferred.
Table 1. Instruction Byte of the Serial Interface
MSB
LSB
Bit
7
6
5
4
3
2
1
0
Description
R/W
N1
N0
–
A3
A2
A1
A0
R/W: Identifies the following data transfer cycle as a read or write operation. A high indicates a read operation
from the DAC5686 and a low indicates a write operation to the DAC5686.
N[1:0]: Identifies the number of data bytes to be transferred per Table 2. Data is transferred MSB-first.
Table 2. Number of Transferred Bytes Within One
Communication Frame
N1
N0
DESCRIPTION
0
0
Transfer 1 byte
0
1
Transfer 2 bytes
1
0
Transfer 3 bytes
1
1
Transfer 4 bytes
A4: Unused
A[3:0]: Identifies the address of the register to be accessed during the read or write operation. For multibyte
transfers, this address is the starting address and the address decrements. Note that the address is written to the
DAC5686 MSB-first.
Figure 24 shows the serial-interface timing diagram for a DAC5686 write operation. SCLK is the serial-interface
clock input to the DAC5686. Serial data enable SDENB is an active-low input to the DAC5686. SDIO is serial
data-in. Input data to the DAC5686 is clocked on the rising edges of SCLK.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com