Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6526 Datasheet(PDF) 241 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 241 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 237Page - Texas Instruments AM6526 Datasheet HTML 238Page - Texas Instruments AM6526 Datasheet HTML 239Page - Texas Instruments AM6526 Datasheet HTML 240Page - Texas Instruments AM6526 Datasheet HTML 241Page - Texas Instruments AM6526 Datasheet HTML 242Page - Texas Instruments AM6526 Datasheet HTML 243Page - Texas Instruments AM6526 Datasheet HTML 244Page - Texas Instruments AM6526 Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 299 page
background image
241
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Dual Arm Cortex-R5F CPU configuration
–
Revision r1p3
–
Armv7-R profile
–
Split/Lock operation
•
Split mode: Two independently operating cores (Asymetric Multi Processing, no coherence)
•
Lock (lockstep) mode: One main operating core with the other operating in lockstep for safety
•
Boot-time configurable to be in split or lock mode
–
L1 Memory System
•
16KB Instruction Cache
–
4x4KB ways
–
SECDED ECC protected per 64 bits
•
16KB Data Cache
–
4x4KB ways
–
SECDED ECC protected per 32 bits
•
64KB Tightly-Coupled Memory (TCM) per CPU
–
SECDED ECC protected per 32 bits
–
Readable/Writable from system
–
Split into A and B banks (with B further splitting into B0 and B1 interleaved banks)
–
32KB TCMA (ATCM)
–
16KB TCMB0 (B0TCM)
–
16KB TCMB1 (B1TCM)
–
Low interrupt latency with restartable instructions
–
Non-Maskable Interrupt (NMI)
–
Full-Precision Floating Point (VFPv3)
–
16-Region Memory Protection Unit (MPU)
–
8 Breakpoints
–
8 Watchpoints
–
Dynamic Branch Prediction with Global History Buffer and 4-entry Return Stack
–
CoreSight Debug Access Port (DAP)
–
CoreSight ETM-R5 Interface
–
Performance Monitoring Unit (PMU)
•
Interfaces
–
64-bit VBUSM master pair (1 read, 1 write) for L3 memory accesses (per core)
–
64-bit VBUSM slave for TCM access (per core)
•
Also allows access to cache for debug purposes
–
32-bit VBUSP master for peripheral access (per core)
–
32-bit VBUSP slave config port (per core)
–
32-bit VBUSP slave debug port
•
Allows access to all MCU_ARMSS internal debug logic
•
32-bit to 48-bit Region-based Address Translation (RAT) on memory access masters
–
16 Regions
•
Synchronous clock domain crossing on all interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com