Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6526 Datasheet(PDF) 243 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 243 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 239Page - Texas Instruments AM6526 Datasheet HTML 240Page - Texas Instruments AM6526 Datasheet HTML 241Page - Texas Instruments AM6526 Datasheet HTML 242Page - Texas Instruments AM6526 Datasheet HTML 243Page - Texas Instruments AM6526 Datasheet HTML 244Page - Texas Instruments AM6526 Datasheet HTML 245Page - Texas Instruments AM6526 Datasheet HTML 246Page - Texas Instruments AM6526 Datasheet HTML 247Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 299 page
background image
243
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Universal Scalable Shader Engine ( USSE™):
–
Multithreaded engine incorporating vertex and pixel shader functionality
–
Automatic load balancing of vertex and pixel processing tasks
•
Present and texture load accelerator (PTLA):
–
Enables to move, rotate, twiddle, and scale texture surfaces
–
Supports RGB, ARGB, YUV4:2:2, and YUV4:2:0 surface formats
–
Supports bilinear upscale, boxcar filter downscale
–
Supports source colorkey
•
Fully virtualized memory addressing for operating system (OS) operation in a unified memory
architecture:
–
Memory management unit (MMU)
–
Up to 4 GB virtual address space natively supported by graphics core:
•
Address extension to 48-bit provided by RAT function
Graphics Feature Overview:
•
Texture support:
–
Cube map
–
Projected textures
–
Non-square textures
•
Texture formats:
–
RGBA 8888, 565, 1555, and 1565
–
Monochromatic 8, 16, 16f, 32f, and 32int
–
Dual channel, 8:8, 16:16, and 16f:16f
–
Compressed textures:
•
PVRTC-i 2 bpp
•
PVRTC-i 4 bpp
•
PVRTC-ii 2 bpp
•
PVRTC-ii 4 bpp
•
ETC1
•
DXT 1-5 and BC 4-5
–
Programmable support for YUV formats:
•
Programmable matrix in hardware, coefficients on 12 bits
•
YUV4:2:2, YUV4:2:0, two planes (NV12 or NV21); YUV4:2:0, three planes
•
Resolution support:
–
Frame buffer maximum = 4096 × 4096
–
Texture maximum size = 4096 × 4096
•
Texture filtering:
–
Bilinear, Trilinear, Anisotropic
–
Independent minification and magnification control
•
Antialiasing:
–
4 × multisampling
–
Programmable sample positions
NOTE
TI provides the DXT1-5 and BC4-5 texture compression technology for use only with a
Microsoft Windows operating system. A separate license is required for the use of this
technology (also referred to as S3 texture compression technology) with any other operating
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com