Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6526 Datasheet(PDF) 242 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 242 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 238Page - Texas Instruments AM6526 Datasheet HTML 239Page - Texas Instruments AM6526 Datasheet HTML 240Page - Texas Instruments AM6526 Datasheet HTML 241Page - Texas Instruments AM6526 Datasheet HTML 242Page - Texas Instruments AM6526 Datasheet HTML 243Page - Texas Instruments AM6526 Datasheet HTML 244Page - Texas Instruments AM6526 Datasheet HTML 245Page - Texas Instruments AM6526 Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 299 page
background image
242
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Integrated Vectored Interrupt Manager (VIM)
–
512 interrupts per core
•
Only interrupts connected to R5F Core 0 are available in lock mode
•
Each interrupt programmable as either IRQ or FIQ
•
Each interrupt has a programmable enable mask
•
Each interrupt has a programmable 4-bit priority
–
Priority interrupt supported
–
Vectored Interrupt Interface
•
Compatible with R5F VIC Port
•
Programmable 32-bit vector address per interrupt
–
Address is SECDED error protected
–
Default vector addresses provided on DED
•
Software Interrupt generation
•
Standard Arm CoreSight debug and trace architecture at the MCU_ARMSS level
–
Cross Triggering: Supported by Cross Trigger Interface (CTI) (per CPU) and Cross Trigger Matrix
(CTM) components
–
Processor Trace: Supported by Embedded Trace Macrocell (ETM) (per CPU) and Advanced Trace
Bus (ATB) Funnel components
•
Integrated ECC Aggregators
–
Support for error injection to all supported ECC memory blocks to test ECC functionality in safety-
critical applications (add-ON function from TI)
–
One ECC Aggregator per core to cover all RAMs associated with that core
•
Boot
–
From ROM or external memory
–
From TCM
The MCU_ARMSS does not support the following features in this device:
•
ACP Port (no coherence)
•
AXI Peripheral Port (PPX/PPV); corresponds to the VBUSM Peripheral Port at the MCU_ARMSS level
•
Bus parity/ECC
For more information, see section MCU Cortex-R5F Subsystem in chapter Processors and Accelerators of
the device TRM.
6.5
GPU
The graphics processing unit (GPU) accelerates 2-dimensional (2D) and 3-dimensional (3D) graphics and
compute applications.
The GPU module is a scalable architecture which efficiently processes a number of differing multimedia
data types concurrently:
•
Pixel Data
•
Vertex Data
•
General Purpose Processing
The GPU subsystem supports the following features:
•
Single-core GPU architecture is consists of:
–
1 × GPU core
–
Shared system level cache of 64 KB
•
Tile-based deferred rendering architecture:
–
Reduces external bandwidth to SDRAM
–
32x32 pixels tile size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com