Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-REF03-CAN1 Datasheet(PDF) 3 Page - Recom International Power

Part # R-REF03-CAN1
Description  Contains R1SX-3.305/H - 3.3V to 5V 1W DC-DC converter with 3kVDC isolation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF03-CAN1 Datasheet(HTML) 3 Page - Recom International Power

  R-REF03-CAN1 Datasheet HTML 1Page - Recom International Power R-REF03-CAN1 Datasheet HTML 2Page - Recom International Power R-REF03-CAN1 Datasheet HTML 3Page - Recom International Power R-REF03-CAN1 Datasheet HTML 4Page - Recom International Power R-REF03-CAN1 Datasheet HTML 5Page - Recom International Power R-REF03-CAN1 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.recom-power.com
REV.: 0/2018
P-3
Reference Design
Specifications (measured @ Ta= 25°C, full load after warm up unless otherwise stated)
R-REF03-CAN1
Typical Switching Waveforms
Input and output waveforms of the reference board for a 5Mbit signal
CH1 - TXD
CH2 - CANL
CH3 - RXD
CH4 - CANH
Quick Start Guide
•
Apply 3.3V to VCC1/GND1 and observe 5V on the VCC2/GND2. The green LED on the board should light up
•
Inject test signal up to 5-Mbit into the TXD input pin (TXD/GND1) using a signal generator or other source
•
Check the CANH and CANL signals with a scope on the secondary side (CANH/GND2 and CANL/GND2)
•
Check the RXD signal with a scope on the primary side (RXD/GND1)
•
Turn off the signal generator
•
Turn off the 3.3V supply. The LED should turn off
Basic Test Setup
GND1
VCC1
TXD
CAN
(CANL)
(CANH)
Bus
SIGNAL
GENERATOR
RXD
GND1
GND2
SCOPE
SCOPE
Pin
Name
Description
Test Point
1
VCC1
Primary Supply 3.3V
TP1
2
GND1
Primary Ground
TP2
3
GND1
Primary Ground
4
TXD
CAN transmit data input
TP3
5
RXD
CAN receive data output
TP4
6
GND1
Primary Ground
TP5
Pin
Name
Description
Test Point
1
VCC2
Secondary Supply 5V
TP10
2
GND2
Secondary Ground
TP9
3
GND2
Secondary Ground
4
CANH
High-level CAN bus line
TP8
5
CANL
Low-level CAN bus line
TP7
6
GND2
Secondary Ground
TP6
Connector Description
Con1
Con2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com