Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1400708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1400708
Description  Cable - SAC-3P-20,0-PUR/BI-1L-Z
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1400708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1400708 Datasheet HTML 1Page - PHOENIX CONTACT 1400708 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1400708
08/01/2016   Page 1 / 2
Cable - SAC-3P-20,0-PUR/BI-1L-Z - 1400708
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable, free cable end, on Valve connector BI (11 mm), with 1 LED, connected with Z diode
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
25 STK
Custom tariff number
85444290
Country of origin
Poland
Classifications
eCl@ss
eCl@ss 4.0
27060306
eCl@ss 4.1
27060306
eCl@ss 5.0
27061801
eCl@ss 5.1
27061801
eCl@ss 6.0
27061801
eCl@ss 7.0
27061801
eCl@ss 8.0
27279218
eCl@ss 9.0
27060311
ETIM
ETIM 3.0
EC001855
ETIM 4.0
EC001855
ETIM 5.0
EC001855
UNSPSC
UNSPSC 6.01
31251501
UNSPSC 7.0901
31251501
UNSPSC 11
31251501
UNSPSC 12.01
31251501
UNSPSC 13.2
31251501
Approvals
Approvals


Similar Part No. - 1400708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400709 PHOENIX-1400709 Datasheet
42Kb / 1P
Cable - SAC-3P-30,0-PUR/BI-1L-Z
More results

Similar Description - 1400708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400709 PHOENIX-1400709 Datasheet
42Kb / 1P
Cable - SAC-3P-30,0-PUR/BI-1L-Z
1400772 PHOENIX-1400772 Datasheet
106Kb / 5P
Sensor/actuator cable - SAC-3P-M12MS/0,3-PUR/BI-1L-Z
1400788 PHOENIX-1400788 Datasheet
45Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/3,0-PUR/BI-1L-Z
1435234 PHOENIX-1435234 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/BI-1L-Z
1435250 PHOENIX-1435250 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/BI-1L-Z
1435263 PHOENIX-1435263 Datasheet
106Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI-1L-Z
1438613 PHOENIX-1438613 Datasheet
87Kb / 4P
Sensor/Actuator cable - SAC-3P-M12MS/1,0-PUR/BI-1L-Z
1438846 PHOENIX-1438846 Datasheet
98Kb / 4P
Sensor/actuator cable - SAC-3P- 5,0-PUR/BI-1L-Z 180
1439382 PHOENIX-1439382 Datasheet
43Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/0,6-PUR/BI-1L-Z
1439395 PHOENIX-1439395 Datasheet
43Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/1,5-PUR/BI-1L-Z
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com