Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1400708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1400708
Description  Cable - SAC-3P-20,0-PUR/BI-1L-Z
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1400708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1400708 Datasheet HTML 1Page - PHOENIX CONTACT 1400708 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/products/1400708
08/01/2016   Page 2 / 2
Cable - SAC-3P-20,0-PUR/BI-1L-Z - 1400708
Approvals
Approvals
CSAus
Ex Approvals
Approvals submitted
Approval details
CSAus 
 
 
Nominal current IN
6 A
Nominal voltage UN
24 V
Accessories
Accessories
Mounting material
Screw - SAC-V-SCREW-M3-29 KNURL - 1403779
Fillister head screw with plastic knurl, M3 x 40
 
 
Phoenix Contact 2016 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com