Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BAW9B0 Datasheet(PDF) 7 Page - SPANSION

Part # S71PL129JC0BAW9B0
Description  Stacked Multi-Chip Product (MCP) Flash Memory
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BAW9B0 Datasheet(HTML) 7 Page - SPANSION

Back Button S71PL129JC0BAW9B0 Datasheet HTML 3Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 4Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 5Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 6Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 7Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 8Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 9Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 10Page - SPANSION S71PL129JC0BAW9B0 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 149 page
background image
December 23, 2004 S71PL129Jxx_00_A5
7
Advance
Informatio n
Connection Diagram
Note: May be shared depending on density:
— A21 is shared for the 64M pSRAM configuration.
— A20 is shred for the 32M pSRAM configuration.
— A19 is shared for the 16M pSRAM configuration.
Note: It is advised to tie J5 and L5 together on the board.
MCP
Flash-only Addresses
Shared Addresses
S71PL129JC0
A22
A21-A0
S71PL129JB0
A22-A21
A20-A0
S71PL129JA0
A22-A20
A19-A0
E4
UB#
F4
A18
G4
A17
H4
DQ1
J4
DQ9
K4
DQ10
DQ2
D4
E6
CE2s
A20
J6
DQ4
K6
VCCs
RFU
D6
RFU
E7
A19
F7
A9
G7
A10
H7
DQ6
J7
DQ13
K7
DQ12
DQ5
D7
E5
RST#f
RY/BY#
J5
DQ3
K5
VCCf
DQ11
D5
RFU
E8
A12
F8
A13
G8
A14
H8
RFU
J8
DQ15
K8
DQ7
DQ14
D8
E9
F9
A21
G9
CE2#
H9
A16
J9
RFU
VSS
E3
A6
F3
A5
G3
A4
H3
VSS
J3
OE#
K3
DQ0
CE1#s
DQ8
D3
E2
F2
A2
G2
A1
H2
A0
J2
CE1#f
H6
H5
B6
B5
RAM only
Shared
(Note 1)
Flash only
Legend
Reserved for
Future Use
RFU
RFU
L6
L5
LB#
C4
WE#
C6
A8
C7
WP/ACC
C5
A11
C8
A7
C3
A3
D2
A15
D9
A1
NC
A10
NC
M1
M10
NC
NC
64-ball Fine-Pitch Ball Grid Array
(Top View, Balls Facing Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com